Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PC Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 35Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 36Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 37Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 38Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 39Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 40Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 41Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 42Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 126 page
background image
39
AT90S/LS4433
1042H–AVR–04/03
• Bits 2, 1, 0 – CS12, CS11, CS10: Clock Select1, Bits 2, 1, and 0
The Clock Select1 bits 2, 1, and 0 define the prescaling source of Timer/Counter1.
The Stop condition provides a Timer Enable/Disable function. The prescaled CK modes
are scaled directly from the CK Oscillator clock. If the external pin modes are used for
Timer/Counter0, transitions on PD5/(T1) will clock the counter even if the pin is config-
ured as an output. This feature can give the user software control of the counting.
Timer/Counter1 – TCNT1H and
TCNT1L
This 16-bit register contains the prescaled value of the 16-bit Timer/Counter1. To
ensure that both the High and Low Bytes are read and written simultaneously when the
CPU accesses these registers, the access is performed using an 8-bit temporary regis-
ter (TEMP). This temporary register is also used when accessing OCR1 and ICR1. If the
main program and interrupt routines perform access to registers using TEMP, interrupts
must be disabled during access from the main program (and from interrupt routines if
interrupts are allowed from within interrupt routines).
• TCNT1 Timer/Counter1 Write
When the CPU writes to the High Byte TCNT1H, the written data is placed in the TEMP
Register. Next, when the CPU writes the Low Byte TCNT1L, this byte of data is com-
bined with the byte data in the TEMP Register, and all 16 bits are written to the TCNT1
Timer/Counter1 Register simultaneously. Consequently, the High Byte TCNT1H must
be accessed first for a full 16-bit register write operation.
• TCNT1 Timer/Counter1 Read
When the CPU reads the Low Byte TCNT1L, the data of the Low Byte TCNT1L is sent
to the CPU and the data of the High Byte TCNT1H is placed in the TEMP Register.
When the CPU reads the data in the High Byte TCNT1H, the CPU receives the data in
Table 12. Clock 1 Prescale Select
CS12
CS11
CS10
Description
0
0
0
Stop, the Timer/Counter1 is stopped.
001
CK
010
CK/8
011
CK/64
100
CK/256
101
CK/1024
1
1
0
External Pin T1, falling edge
1
1
1
External Pin T1, rising edge
Bit
15141312
11
10
9
8
$2D ($4D)
MSB
TCNT1H
$2C ($4C)
LSB
TCNT1L
76
543
210
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/WR/W
R/WR/W
R/WR/W
R/WR/W
Initial Value
0
0
0
0
0
0
0
0
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com