Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90LS4433-4PC Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT90LS4433-4PC
Description  8-Bit AVR Microcontroller with 4K Bytes of In-System Programmable Flash
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90LS4433-4PC Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT90LS4433-4PC Datasheet HTML 57Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 58Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 59Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 60Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 61Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 62Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 63Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 64Page - ATMEL Corporation AT90LS4433-4PC Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
61
AT90S/LS4433
1042H–AVR–04/03
UART Baud Rate Register –
UBRR
This is a 12-bit register that contains the UART Baud Rate according to the equation on
the previous page. The UBRRHI contains the four most significant bits, and the UBRR
contains the eight least significant bits of the UART Baud Rate.
Bit
151413121110
9
8
$03 ($23)
––––
MSB
LSB
UBRRHI
$09 ($29)
MSB
LSB
UBRR
7654
321
0
Read/Write
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0000
000
0
0000
000
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com