Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1200B Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # FS1200B
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1200B Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  FS1200B Datasheet HTML 1Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 2Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 3Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 4Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 5Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
4
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
Architecture:
Design Features:
In selecting a design approach, foremost consideration was given to
phase noise performance and switching speed requirements.
A multi-loop design was chosen over a single loop configuration to
meet the resolution criterion. An output loop frequency range of 1
to 2 GHz is beat down to a narrower VHF range using a stepped LO
where a low noise variable frequency reference is generated. The
LO comprises a 100 MHz crystal oscillator and amplifier driving a
step-recovery diode comb generator, and exhibits a phase noise
level that is at least 3 dB below the system noise specification.
Programming Input (BCD Connector)
SIGNAL
PIN
SIGNAL
PIN
Logic Ground
50
NC
25
400 MHz
49
Strobe
24
NC
48
NC
23
NC
47
NC
22
NC
46
Chassis
Ground
21
Fault
45
8 MHz
20
200 MHz
44
4 MHz
19
100 MHz
43
2 MHz
18
NC
42
1 MHz
17
80 MHz
41
20 MHz
16
40 MHz
40
10 MHz
15
MUX
39
2 GHz
14
800 MHz
38
1 GHz
13
8 Hz
37
2 Hz
12
4 Hz
36
4 GHz
11
80 Hz
35
20 Hz
10
40 Hz
34
10 Hz
9
800 Hz
33
200 Hz
8
400 Hz
32
100 Hz
7
8 kHz
31
2 kHz
6
4 kHz
30
1 kHz
5
80 kHz
29
20 kHz
4
40 kHz
28
10 kHz
3
800 kHz
27
200 kHz
2
400 kHz
26
100 kHz
1
Note: Mating Connector is 3M P/N 3564-1001
(50 Pin Ribbon. Bail mount, Plug)
FS1200B Series
Fast Switching Synthesizer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com