Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1200B Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # FS1200B
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1200B Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  FS1200B Datasheet HTML 1Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 2Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 3Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 4Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 5Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
2
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • acc-sales@aeroflex.com
Revision Date: 8/21/2013
Specifications:
Frequency Range: 4.5 MHz to 6010 MHz
Step Size:
1 Hz - 4.5 MHz to 1999 MHz
2 Hz - 2000 to 3999 MHz
4 Hz f- 4000 to 6010 MHz
Power Output:
+7 dBm
Flatness:
±1.5 dB
Output Isolution:
<25 dB minimum between ports
<5 microseconds switching time between ports
VSWR:
1.8:1
External Reference:
10 MHz, 3 dBm ±4 dB, 50 Ohms
Frequency Stability:
Same as reference Oscillator
Reference Output:
10 MHz, +3 dBm ±2 dB, 50 Ohms
Phase Noise of External Reference:
dBc/Hz
Offset
-130
100 Hz
-140
1 KHz
-143
10 KHz
-145
50 KHz
Switching Time:
<100 µseconds to within 1.0 radian of final phase
Noise Floor:
10 MHz OFFSET
Frequency Range
-140 dBc/Hz
4.5 to 180 MHz
-145 dBz/Hz
180 to 1000 MHz
-147 dBc/Hz
1000 to 2000 MHz
-138 dBc/Hz
2000 to 4000 MHz
-134 dBc/Hz
4000 to 6010
Harmonics:
-25 dBc maximum 4.5 to 6010 MHz
Subharmonics*:
-60 dBc, typical
-50 dBc max. except for components at FC noted below
Spurious:
dBc (maximum)
Frequency Range
-65
4 to 2000 MHz
-60
2000 to 4000 MHz
-55
4000 to 6010MHz
Residual FM:
Residual FM
Frequency Range
< 7
4 to 2000 MHz
<16
2000 to 4000 MHz
< 32
4000 to 6010MHz
Note: Specifications are subject to change without notice.
Frequency Control:
Parallel BCD positive or negative true with strobe. Strobe
normally low, trigger on trailing edge
GPIB (IEEE-488)
Power On” Flag: +5 V output on Programming Connector
Remote On/Off (RF): 0 MHz = Off
On/Off Ratio
<25 dBc
Logic Connector:
50 Pin receptacle, AMP 554216-3
Initialization:
Unit initializes with RF Off
Random Vibration:
10 Hz to 300 Hz @ 1.2 G RMS
Power:
Autoranging: 50-60 Hz
100 to 130 VAC, 180 to 250 VAC
Temperature Range: +10˚ to +45˚C
Certification:
TUV
*@ FC +4.0 to 4.25, 5F/2 may be -45 dBc
@ Offset ≤±2.8 MHz from the carrier, spurs will be as
follows:
FC <180 MHz:
-60 dBc
180 MHz <FC <1.0 GHz: -66 dBc
1.0 GHz <FC <2.0 GHz:
-60 dBc
2.0 GHz <FC <4.0 GHz:
-54 dBc
4.0 GHz <FC <6.01 GHz: -48 dBc
For 1.0 GHz <FC> 2 Hz, fixed spurs at the following fre-
quencies may be -60 dBc: 1175, 1225, 1275, 1325,
1375, 1425, 1475, 1525, 1575 and 1625 MHz.
**For FC less than 180 MHz a spur may exist between
1609 MHz and 1960 MHz at -35 dBc: A fixed 800 MHz
spur may exist at -60 dBc on all carrier frequencies.
FS1200B Series
Fast Switching Synthesizer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com