Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1200B Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # FS1200B
Description  Fast Switching Synthesizer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

FS1200B Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  FS1200B Datasheet HTML 1Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 2Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 3Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 4Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 5Page - Aeroflex Circuit Technology FS1200B Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SIGNAL & CONTROL SOLUTIONS
5
Aeroflex Signal & Control Solutions
www.aeroflex.com/ASCS • ascs-sales@aeroflex.com
Revision Date: 8/21/2013
FS1200B Series
Fast Switching Synthesizer
The FastSource™ frequency synthesizer family represents a
milestoneinthedevelopmentofhighspeed,lownoisesignalsources.
Designed specifically to meet the needs of today’s fast-paced
telecommunications test industry, this product offers a high-
performance, cost effective solution for the increasingly complex
demands of the ATE market.
DrawingonAeroflex’sexpertiseinbothdirectandindirectsynthesiz-
er design, the FastSource™ combines the best features of both. The
classic compromise between direct and indirect synthesizer
designs is essentially a tradeoff between speed and spectral
purity.
Direct analog synthesizer design utilizes wideband, open loop cir-
cuitstomaximizefrequencyswitchingspeed,usuallyattheexpense
of noise floor performance. Indirect synthesizer design, based on
phase-locked loops, optimizes noise performance by using rela-
tively narrow PLL bandwidths. The resulting response times are
on the order of several tens to hundreds of microseconds.
Direct analog designs are hardware-intensive, requiring numer-
ous RF and microwave filters to suppress spurious responses. In
applications where sub-microsecondswitching speedisnot essen-
tial, these designs tend to be cost-prohibitive. Indirect designs offer
better noise floor and spurious performance than the typical
direct design, but the slower response time can be the limiting
factor for throughput of an ATE system. Indirect designs never-
theless offer a major cost advantage over direct.
With the FastSource™ design, Aeroflex has successfully combined
high speed and low noise performance in a single, cost effective
product. This unique combination offers ATE system designers a
solution to demands for greater throughput with more stringent
test requirements.
FastSourceTM Rear Panel
Physical Dimensions:
Dimensions: 19.0” W X 3.5” H X 22.28” D (Chassis Width 16.72”)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com