Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX8562 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # MUX8562
Description  MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8562 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  MUX8562 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
SCD8562 Rev A Preliminary 12/07/09
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Supply Voltage
+VEE (Pin 18)
VREF (Pin 39)
+7.5
+7.5
V
V
Digital Input Overvoltage
VEN0-15 (Pin 13), VEN16-31 (Pin 44), VA (Pins 14, 15, 16, 17), VB (Pins 40, 41, 42, 43)
< VREF +0.5
> GND -0.5
V
V
Analog Input Over Voltage
VS
-0.5 < Vs < +7.5
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating
only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS 1/
Symbol
Parameter
Typical
Units
+VEE
+5V Power Supply Voltage
+5.0
V
VREF
Reference Voltage
+5.00
V
VAL
Logic Low Level
+0.8
V
VAH
Logic High Level
+4.0
V
1/ Power Supply turn-on sequence shall be as follows: +VEE, followed by VREF (or tie these together).
DC ELECTRICAL PERFORMANCE CHARACTERISTICS 1/
(TC = -55°C to +125°C, +VEE = +5V, VREF = +5.0V - Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Supply Current
+IEE
VEN(0-15) = VEN(16-31) = VA(0-3) = VB(0-3) = 0
01
mA
+ISBY
VEN(0-15) = VEN(16-31) = 4V, VA(0-3) = VB(0-3) = 0 7/
01
mA
Address Input Current
IAL(0-3)A
VA = 0V
-0.5
0.5
μA
IAH(0-3)A
VA = 5V
-0.5
0.5
μA
IAL(0-3)B
VB = 0V
-0.5
0.5
μA
IAH(0-3)B
VB = 5V
-0.5
0.5
μA
Enable Input Current
IENL(0-15)
VEN(0-15) = 0V
-0.5
0.5
μA
IENH(0-15)
VEN(0-15) = 5V
-0.5
0.5
μA
IENL(16-31)
VEN(16-31) = 0V
-0.5
0.5
μA
IENH(16-31)
VEN(16-31) = 5V
-0.5
0.5
μA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com