Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX8562 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # MUX8562
Description  MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8562 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  MUX8562 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
SCD8562 Rev A Preliminary 12/07/09
Aeroflex Plainview
16
TRUTH TABLE (CH0 – CH15)
A3
A2
A1
A0
EN (0-15)
"ON" CHANNEL, 1/ (OUTPUT 1)
XXXX
H
NONE
LL
LL
L
CH0
LL
L
H
L
CH1
LL
H
L
L
CH2
LL
H
H
L
CH3
LH
L
L
L
CH4
LH
LH
L
CH5
LH
H
L
L
CH6
LH
H
H
L
CH7
HL
L
L
L
CH8
HL
LH
L
CH9
HLH
L
L
CH10
HLH
H
L
CH11
HH
L
L
L
CH12
HH
L
H
L
CH13
HHH
L
L
CH14
HHH
H
L
CH15
1/ Between CH0-15 and OUTPUT1 (0-15)
TRUTH TABLE (CH16 – CH31)
B3
B2
B1
B0
EN (16-31)
"ON" CHANNEL, 1/ (OUTPUT 2)
XXXX
H
NONE
LL
LL
L
CH16
LL
L
H
L
CH17
LL
H
L
L
CH18
LL
H
H
L
CH19
LH
L
L
L
CH20
LH
LH
L
CH21
LH
H
L
L
CH22
LH
H
H
L
CH23
HL
L
L
L
CH24
HL
LH
L
CH25
HLH
L
L
CH26
HLH
H
L
CH27
HH
L
L
L
CH28
HH
L
H
L
CH29
HHH
L
L
CH30
HHH
H
L
CH31
1/ Between CH16-31 and OUTPUT2 (16-31)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com