Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUX8562 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # MUX8562
Description  MUX8562 Dual 16-Channel Analog Multiplexer Module plus 5V, Radiation Tolerant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

MUX8562 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  MUX8562 Datasheet HTML 1Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 2Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 3Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 4Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 5Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 6Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 7Page - Aeroflex Circuit Technology MUX8562 Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
SCD8562 Rev A Preliminary 12/07/09
Aeroflex Plainview
MUX8562: DUAL 16 CHANNEL ANALOG MUX BLOCK DIAGRAM
CH 0
CH 15
•
•
•
EN 0-15
OUTPUT2 (16-31)
B0
B1
B2
B3
OUTPUT1 (0-15)
MUX 1
MUX 2
16
VREF
GND
CH 16
CH 31
•
•
•
16
EN 16-31
A0
A1
A2
A3
+VEE
SECTION A
SECTION B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com