Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87972DYI Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS87972DYI
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972DYI Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS87972DYI Datasheet HTML 1Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 2Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 3Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 4Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
3
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
QA0
QA1
QA2
QA3
QB0
QB1
QB2
QB3
QC0
QC1
QC2
QC3
QFB
QSYNC
XTAL1
XTAL2
CLK0
CLK1
CLK_SEL
REF_SEL
EXT_FB
VCO_SEL
PLL_SEL
0
1
1
0
0
1
÷1
÷2
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
SYNC
FRZ
OUTPUT DISABLE
CIRCUITRY
0
1
0
1
PLL
VCO RANGE
200MHz - 480MHz
SYNC
FRZ
3
2
2
2
INV_CLK
FSEL_A[0:1]
FSEL_B[0:1]
FSEL_C[0:1]
FSEL_FB[0:2]
0
0
÷4
0
1
÷6
1
0
÷8
1
1
÷12
FSEL_
A1 A0
QAx
0
0
÷4
0
1
÷6
1
0
÷8
1
1
÷10
FSEL_
B1 B0
QBx
0
0
0
÷4
0
0
1
÷6
0
1
0
÷8
0
1
1
÷10
1
0
0
÷8
1
0
1
÷12
1
1
0
÷16
1
1
1
÷20
FSEL_
FB2 FB1 FB0
QFB
0
0
÷2
0
1
÷4
1
0
÷6
1
1
÷8
FSEL_
C1 C0
QCx
nMR/OE
SIMPLIFIED BLOCK DIAGRAM
FRZ_CLK
FRZ_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com