Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87972DYI Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS87972DYI
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972DYI Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS87972DYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 9Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 10Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 11Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 12Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
9
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PARAMETER MEASUREMENT INFORMATION
CYCLE-TO-CYCLE JITTER
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
V
DD, VDDA, VDDO = 1.65V±5%
GND = -1.65V±5%
OUTPUT SKEW
STATIC PHASE OFFSET
OUTPUT RISE/FALL TIME
tsk(o)
V
DDO
2
V
DDO
2
Qy
Qx
t
PW & tPeriod
t
PW
t
PERIOD
V
DDO
2
V
DDO
2
V
DDO
2
t
PW
t
PERIOD
odc =
QA0:QA3,
QB0:QB3,
QC0:QC3,
QSYNC,
QFB
QA0:QA3,
QB0:QB3,
QC0:QC3,
QSYNC,
QFB
➤
➤
V
DDO
2
V
DDO
2
V
DDO
2
tcycle n
tcycle n+1
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
Clock Outputs
0.5V
2.4V
2.4V
0.5V
t
R
t
F
➤t(Ø)
V
DD
/2
V
DD
/2
CLK0,
CLK1
EXT_FB
(where
t (Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t(Ø) mean = Static Phase Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com