Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87972DYI Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS87972DYI
Description  LOW SKEW, 1-TO-12 LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS87972DYI Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS87972DYI Datasheet HTML 4Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 5Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 6Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 7Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 8Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 9Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 10Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 11Page - Integrated Circuit Systems ICS87972DYI Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
87972DYI
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 18, 2002
8
Integrated
Circuit
Systems, Inc.
ICS87972I
LOW SKEW, 1-TO-12
LVCMOS CLOCK MULTIPLIER/ZERO DELAY BUFFER
TABLE 6. CRYSTAL CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
8
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
TABLE 7. AC CHARACTERISTICS, V
DD = VDDA = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
÷2
5
2
1z
H
M
÷4
0
2
1z
H
M
÷6
0
8z
H
M
÷8
0
6z
H
M
)
Ø
(
t
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
S
1
E
T
O
N
0
K
L
C
B
F
Q
÷ 8
z
H
M
0
5
=
y
c
n
e
u
q
e
r
F
n
I
0
7
2
-0
3
10
3
5s
p
1
K
L
C0
3
3
-0
70
7
4s
p
t
)
o
(
k
s4
,
2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
5
5s
p
t
)
c
c
(
t
ij4
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
0
1
±s
p
f
O
C
V
e
g
n
a
R
k
c
o
L
O
C
V
L
L
P0
0
20
8
4z
H
M
t
K
C
O
L
3
E
T
O
N
;
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
t
R
3
E
T
O
N
;
e
m
i
T
e
s
i
R
t
u
p
t
u
OV
2
o
t
V
8
.
05
1
.
02
.
1s
n
t
F
3
E
T
O
N
;
e
m
i
T
ll
a
F
t
u
p
t
u
OV
2
o
t
V
8
.
05
1
.
02
.
1s
n
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O0
5
7
-
2
/
d
o
i
r
e
P
t0
0
5
±
2
/
d
o
i
r
e
P
t0
5
7
+
2
/
d
o
i
r
e
P
ts
p
t
L
Z
P
t
,
H
Z
P
3
E
T
O
N
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
1s
n
t
Z
L
P
t
,
Z
H
P
3
E
T
O
N
;
e
m
I
T
e
l
b
a
s
i
D
t
u
p
t
u
O
8s
n
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
e
h
t
n
e
h
w
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
3
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com