Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5921 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # RHD5921
Description  RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5921 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  RHD5921 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SCD5921 Rev D 3/4/15
Aeroflex Plainview
ABSOLUTE MAXIMUM RATINGS
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-65 to +150
°C
Supply Voltage
(+VCC)
+6.0
V
Digital Input Overvoltage
(VEN, VA)
< VCC +0.4
> GND -0.4
V
V
Analog Input Overvoltage
(CH0-CH15)
< VCC +0.4
> GND -0.4
V
ESD Rating (MIL-STD-883, Method 3015, Class 2)
2,000 - 3,999
V
NOTICE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress rating
only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation Conditions" may
affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Typical
Units
+VCC
Power Supply Voltage
3.3 to 5.0
V
VEN, VA
Logic Low Level
30% VCC
V
VEN, VA
Logic High Level
70% VCC
V
ELECTRICAL PERFORMANCE CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Supply Current
(+VCC)
+ICC
EN = 30% VCC
0.5
5
mA
+ISBY
EN = 70% VCC
10
500
A
Address Input Current
(A0-A3)
IAL
VA = 30% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
IAH
VA = 70% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
Enable Input Current
(EN)
IENL
VEN = 30% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
IENH
VEN = 70% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA
Input Leakage Current
(CH0-CH15)
+IINLK
VIN = +5V, VEN =70% VCC,
Output and all unused MUX inputs under test =
0V
+25°C
-5
5
nA
+125°C
-50
50
nA
Output Leakage Current
(VOUT)
+IOUTLK
Tri-state, VEN > 70% VCC
+25°C
-5
5
nA
+125°C
-50
50
nA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com