Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5921 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # RHD5921
Description  RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5921 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  RHD5921 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
SCD5921 Rev D 3/4/15
Aeroflex Plainview
RHD5921 SWITCHING DIAGRAMS
GND
GND
50%
VCC
GND
50%
VCC
VCC
VCC
Address Lines
(A0 - A3)
VOUT (OFF)
VOUT (ON)
Address Lines
(A0 - A3)
GND
TS
TAHL
TS
90%
10%
50%
VCC
50%
VCC
50%
GND
tOFFEN
tONEN
GND
VOUT
(Enable) EN
10%
50%
90%
TALH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com