Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHD5921 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # RHD5921
Description  RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5921 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  RHD5921 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5921 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SCD5921 Rev D 3/4/15
6
www. ae r o f l ex .c om/Hi R el
i n f o -a ms @ a er o f l e x. co m
Aeroflex Plainview, Inc. reserves the right to make changes to any products and
services described herein at any time without notice. Consult Aeroflex or an authorized
sales representative to verify that the information in this data sheet is current before
using this product. Aeroflex does not assume any responsibility or liability arising out
of the application or use of any product or service described herein, except as expressly
agreed to in writing by Aeroflex; nor does the purchase, lease, or use of a product or
service from Aeroflex convey a license under any patent rights, copyrights, trademark
rights, or any other of the intellectual rights of Aeroflex or of third parties.
EXPORT CONTROL:
This product is controlled for export under the U.S. Department of Commerce (DoC). A license may be required prior to the export
of this product from the United States.
Our passion for performance is defined by three attributes.
Solution-Minded
Performance-Driven
Customer-Focused
Datasheet Definitions:
Advanced
Product in Development
Preliminary
Shipping Non-Flight Prototypes
Datasheet
Shipping QML and Reduced HiRel
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
RHD5921-7
-
Commercial Flow, +25°C testing only
24-pin SOIC
RHD5921-S
-
Military Temperature, -55°C to +125°C
Screened in accordance with the individual Test Methods
of MIL-STD-883 for Space Applications
RHD5921-201-1S
5962-1024302KXC
In accordance with DLA SMD
RHD5921-201-2S
5962-1024302KXA
RHD5921-901-1S
5962H1024302KXC
In accordance with DLA Certified RHA Program Plan to
RHA Level "H", 1Mrad(Si)
RHD5921-901-2S
5962H1024302KXA
Note: Package and lid are electrically
isolated from signal pads.
PACKAGE OUTLINE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com