Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P080N Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP3P080N
Description  Surface Mount Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3P080N Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP3P080N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP3P080N
65mΩ
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Drain Current v.s. Ambient
Fig 12. Transfer Characteristics
Temperature
4
0
1
2
3
4
5
6
02
468
10
12
Q G , Total Gate Charge (nC)
I D = -3A
V DS = -15V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t , Pulse Width (s)
0.01
0.05
0.1
0.2
Duty Factor=0.5
Single Pulse
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
t
T
Rthja = 300℃/W
0
400
800
1200
1600
1
5
9
13172125
293337
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.02
0
1
2
3
4
5
25
50
75
100
125
150
T A , Ambient Temperature (
o C )
Operation in this area
limited by RDS(ON)
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2
2.4
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS = -5V
T j = -55
o C
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com