Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P080N Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP3P080N
Description  Surface Mount Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3P080N Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP3P080N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AP3P080N
65mΩ
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance
v.s. Junction Temperature
2.01E+08
Fig 5. Forward Characteristic of
Fig 6. Gate Threshold Voltage v.s.
Reverse Diode
Junction Temperature
3
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -3A
V GS = -4.5V
0
4
8
12
16
20
012
3456
-V DS , Drain-to-Source Voltage (V)
T A =25
o C
-5.0V
-4.5V
-3.5V
-2.5V
V G = -2.0V
0
2
4
6
8
10
001
122
-V DS , Drain-to-Source Voltage (V)
-5.0V
-4.5V
-3.5V
-2.5V
V G = -2.0V
T A = 150
o C
0
2
4
6
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C
0
0.4
0.8
1.2
1.6
2
-100
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D = -1mA
40
50
60
70
80
12
34
56
-V GS , Gate-to-Source Voltage (V)
I D = -2A
T A =25
o C
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com