Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3P080N Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP3P080N
Description  Surface Mount Device
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3P080N Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP3P080N Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3P080N Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AP3P080N
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Capable of 2.5V Gate Drive
BVDSS
-30V
▼ Small Package Outline
RDS(ON)
80mΩ
▼ Surface Mount Device
ID
-3.2A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TA=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
100
℃
/W
Data and specifications subject to change without notice
201511271
1
Rating
- 30
+12
-3.2
-55 to 150
1.25
Halogen-Free Product
Drain Current
3, V
GS @ 4.5V
-2.6
Pulsed Drain Current
1
-10
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current
3, V
GS @ 4.5V
-55 to 150
Thermal Data
Parameter
Total Power Dissipation
3
Operating Junction Temperature Range
Storage Temperature Range
D
G
S
SOT-23S
G
D
S
AP3P080 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide range
of power applications.
The SOT-23S package is widely preferred for commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters.
.


Similar Part No. - AP3P080N

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3P010AMT A-POWER-AP3P010AMT Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010H A-POWER-AP3P010H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010I A-POWER-AP3P010I Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010M A-POWER-AP3P010M Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010YT A-POWER-AP3P010YT Datasheet
67Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3P080N

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
SURFACE MOUNT DEVICE LED
logo
Advanced Power Electron...
AP2333EN-HF A-POWER-AP2333EN-HF_14 Datasheet
58Kb / 4P
Surface Mount Device
AP2338GN-HF A-POWER-AP2338GN-HF_14 Datasheet
101Kb / 4P
Surface Mount Device
AP2305BGN A-POWER-AP2305BGN_16 Datasheet
101Kb / 5P
Surface Mount Device
AP2305GN A-POWER-AP2305GN_16 Datasheet
101Kb / 5P
Surface Mount Device
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_16 Datasheet
102Kb / 5P
Surface Mount Device
AP2P052N A-POWER-AP2P052N Datasheet
74Kb / 6P
Surface Mount Device
AP2313GN A-POWER-AP2313GN_16 Datasheet
64Kb / 5P
Surface Mount Device
AP2325GEN A-POWER-AP2325GEN_16 Datasheet
66Kb / 5P
Surface Mount Device
logo
Visual Communications C...
6300T1 VCC-6300T1 Datasheet
537Kb / 8P
Surface mount device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com