Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4031BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4031BC
Description  64-Stage Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4031BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4031BC Datasheet HTML 1Page - National Semiconductor (TI) CD4031BC Datasheet HTML 2Page - National Semiconductor (TI) CD4031BC Datasheet HTML 3Page - National Semiconductor (TI) CD4031BC Datasheet HTML 4Page - National Semiconductor (TI) CD4031BC Datasheet HTML 5Page - National Semiconductor (TI) CD4031BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Note 2) CD4031BC
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V VIN e VDD or VSS
20
001
20
150
m
A
Current
VDD e 10V VIN e VDD or VSS
40
001
40
300
m
A
VDD e 15V VIN e VDD or VSS
80
002
80
600
m
A
VOL
Low Level Output
VDD e 5V
005
0
005
005
V
Voltage
VDD e 10V
VIH e VDD VIL e 0V
lIOl k 1 mA
005
0
005
005
V
VDD e 15V
(
005
0
005
005
V
VOH
High Level Output
VDD e 5V
495
495
5
495
V
Voltage
VDD e 10V
VIH e VDD VIL e 0V
lIOl k 1 mA 995
995
10
995
V
VDD e 15V
(
1495
1495
15
1495
V
VIL
Low Level Input
VDD e 5V VO e 05V or 45V
15
225
15
15
V
Voltage
VDD e 10V VO e 10V or 90V
lIOl k 1 mA
30
45
30
30
V
VDD e 15V VO e 15V or 135V
(
40
675
40
40
V
VIH
High Level Input
VDD e 5V VO e 05V or 45V
35
35
275
35
V
Voltage
VDD e 10V VO e 10V or 90V
lIOl k 1 mA
70
70
55
70
V
VDD e 15V VO e 15V or 135V
(
110
110
825
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
VIH e VDD
18
16
38
13
mA
Current Q Output
VDD e 10V VO e 05V
VIL e 0V
40
35
84
28
mA
(Note 3)
VDD e 15V VO e 15V
(
87
75
17
61
mA
IOL
Low Level Output
VDD e 5V VO e 04V
VIH e VDD
052
044
088
036
mA
Current Q and CLD VDD e 10V VO e 05V
VIL e 0V
13
11
225
09
mA
Outputs
VDD e 15V VO e 15V
(
36
30
88
24
mA
(Note 3)
IOH
High Level Output
VDD e 5V VO e 46V
VIH e VDD
b
052
b
044 b088
b
036
mA
Current All Outputs VDD e 10V VO e 95V
VIL e 0V
b
13
b
11 b225
b
09
mA
(Note 3)
VDD e 15V VO e 135V
(
b
30
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5 b03
b
10 mA
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The tables of ‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provide conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Switching Time Waveforms
TLF5962 – 3
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com