Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4031BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4031BC
Description  64-Stage Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4031BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4031BC Datasheet HTML 1Page - National Semiconductor (TI) CD4031BC Datasheet HTML 2Page - National Semiconductor (TI) CD4031BC Datasheet HTML 3Page - National Semiconductor (TI) CD4031BC Datasheet HTML 4Page - National Semiconductor (TI) CD4031BC Datasheet HTML 5Page - National Semiconductor (TI) CD4031BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5962
February 1988
CD4031BMCD4031BC
64-Stage Static Shift Register
General Description
The CD4031BMCD4031BC is an integrated complemen-
tary MOS (CMOS) 64-stage fully static shift register Two
data inputs DATA IN and RECIRCULATE IN and a MODE
CONTROL input are provided Data at the DATA input
(when MODE CONTROL is low) or data at the RECIRCU-
LATE input (when MODE CONTROL is high) which meets
the setup and hold time requirements is entered into the
first stage of the register and is shifted one stage at each
positive transition of the CLOCK
Data output is available in both true and complement forms
from the 64th stage Both the DATA OUT (Q) AND DATA
OUT (Q) outputs are fully buffered
The CLOCK input of the CD4031BMCD4031BC is fully
buffered and present only a standard input load capaci-
tance However a DELAYED CLOCK OUTPUT (CLD) has
been provided to allow reduced clock drive fan-out and tran-
sition time requirements when cascading packages
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
Fully static operation
DC to 8 MHz
VDD e 10V (typ)
Y
Fully buffered clock input
5 pF (typ)
input capacitance
Y
Single phase clocking requirements
Y
Delayed clock output for reduced clock drive require-
ments
Y
Fully buffered outputs
Y
High current sinking capability
16 mA
Y
Q output
VDD e 5V and 25 C
Logic and Connection Diagrams
TLF5962 – 1
Dual-In-Line Package
TLF5962 – 2
Top View
Order Number CD4031B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4031BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
CMOS 64-STAGE STATIC SHIFT REGISTER
CD4031B TI1-CD4031B Datasheet
823Kb / 14P
CMOS 64-STAGE Static shfit register
CD4031B TI2-CD4031B Datasheet
662Kb / 16P
CMOS 64-Stage Static Shift Register
29-May-2025
CD4031B-MIL TI1-CD4031B-MIL Datasheet
823Kb / 14P
CMOS 64-STAGE Static shfit register
CD4031B-MIL TI2-CD4031B-MIL Datasheet
662Kb / 16P
CMOS 64-Stage Static Shift Register
29-May-2025
More results

Similar Description - CD4031BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4031B PHILIPS-HEF4031B Datasheet
76Kb / 7P
64-stage static shift register
January 1995
logo
STMicroelectronics
HCC4031B STMICROELECTRONICS-HCC4031B Datasheet
241Kb / 12P
64-STAGE STATIC SHIFT REGISTER
Jun-1989
HCC4517B STMICROELECTRONICS-HCC4517B Datasheet
244Kb / 12P
DUAL 64-STAGE STATIC SHIFT REGISTER
Sep-1988
logo
Texas Instruments
CD4031B TI-CD4031B Datasheet
265Kb / 6P
CMOS 64-STAGE STATIC SHIFT REGISTER
CD4517B TI-CD4517B Datasheet
245Kb / 6P
CMOS DUAL 64-STAGE STATIC SHIFT REGISTER
logo
Intersil Corporation
CD4031BMS INTERSIL-CD4031BMS Datasheet
97Kb / 10P
CMOS 64-Stage Static Shift Register
December 1992
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
STMicroelectronics
HCF4517B STMICROELECTRONICS-HCF4517B_02 Datasheet
323Kb / 8P
DUAL 64 STAGE STATIC SHIFT REGISTER
Sep-2002
logo
Texas Instruments
CD4517BF3A TI1-CD4517BF3A Datasheet
396Kb / 9P
CMOS Dual 64-Stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com