Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4031BC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4031BC
Description  64-Stage Static Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4031BC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4031BC Datasheet HTML 1Page - National Semiconductor (TI) CD4031BC Datasheet HTML 2Page - National Semiconductor (TI) CD4031BC Datasheet HTML 3Page - National Semiconductor (TI) CD4031BC Datasheet HTML 4Page - National Semiconductor (TI) CD4031BC Datasheet HTML 5Page - National Semiconductor (TI) CD4031BC Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05V to a18V
Input Voltage (VIN)
b
05V to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temp (TL) (Soldering 10 sec)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3Vto15V
Input Voltage (VIN)
0VtoVDD
Operating Temperature Range (TA)
CD4031BM
b
55 Cto a125 C
CD4031BC
b
40 Cto a85 C
DC Electrical Characteristics (Note 2) CD4031BM
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD e 5V VIN e VDD or VSS
5
001
5
150
m
A
Current
VDD e 10V VIN e VDD or VSS
10
001
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
002
20
600
m
A
VOL
Low Level Output
VDD e 5V
005
0
005
005
V
Voltage
VDD e 10V
VIH e VDD VIL e 0V
lIOl k 1 mA
005
0
005
005
V
VDD e 15V
(
005
0
005
005
V
VOH
High Level Output
VDD e 5V
495
495
5
495
V
Voltage
VDD e 10V
VIH e VDD VIL e 0V
lIOl k 1 mA 995
995
10
995
V
VDD e 15V
(
1495
1495
15
1495
V
VIL
Low Level Input
VDD e 5V VO e 05V or 45V
15
225
15
15
V
Voltage
VDD e 10V VO e 10V or 90V
lIOl k 1 mA
30
45
30
30
V
VDD e 15V VO e 15V or 135V
(
40
675
40
40
V
VIH
High Level Input
VDD e 5V VO e 05V or 45V
35
35
275
35
V
Voltage
VDD e 10V VO e 10V or 90V
lIOl k 1 mA
70
70
55
70
V
VDD e 15V VO e 15V or 135V
(
110
110
825
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
VIH e VDD
23
19
38
13
mA
Current Q Output
VDD e 10V VO e 05V
VIL e 0V
51
42
84
28
mA
(Note 3)
VDD e 15V VO e 15V
(
105
88
17
61
mA
IOL
Low Level Output
VDD e 5V VO e 04V
VIH e VDD
064
051
088
036
mA
Current Q and CLD VDD e 10V VO e 05V
VIL e 0V
16
13
225
09
mA
Outputs (Note 3)
VD e 15V VO e 15V
(
42
34
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
VIH e VDD
b
064
b
051 b088
b
036
mA
Current All Outputs VDD e 10V VO e 95V
VIL e 0V
b
16
b
13 b225
b
09
mA
(Note 3)
VDD e 15V VO e 135V
(
b
42
b
34
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
01
b
10b5 b01
b
10 mA
VDD e 15V VIN e 15V
01
10b5
01
10
m
A
Truth Tables
Mode Control (Data Selection)
Mode
Data
Recirculate
Data Into
Control
In
In
First Stage
00
X
0
01
X
1
1X
0
0
1X
1
1
Each Stage
Dn
CL
Qn
0
L
0
1
L
1
X
K
NC
X e irrelevant
NC e no change
L e Low to High level transition
K e High to Low level transition
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com