Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4034BC Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4034BC
Description  8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4034BC Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4034BC Datasheet HTML 1Page - National Semiconductor (TI) CD4034BC Datasheet HTML 2Page - National Semiconductor (TI) CD4034BC Datasheet HTML 3Page - National Semiconductor (TI) CD4034BC Datasheet HTML 4Page - National Semiconductor (TI) CD4034BC Datasheet HTML 5Page - National Semiconductor (TI) CD4034BC Datasheet HTML 6Page - National Semiconductor (TI) CD4034BC Datasheet HTML 7Page - National Semiconductor (TI) CD4034BC Datasheet HTML 8Page - National Semiconductor (TI) CD4034BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DC Electrical Characteristics CD4034BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
20
20
150
m
A
VDD e 10V VIN e VDD or VSS
40
40
300
m
A
VDD e 15V VIN e VDD or VSS
80
80
600
m
A
VOL
Low Level Output Voltage
VDD e 5V
005
005
005
V
VDD e 10V
005
005
005
V
VDD e 15V
005
005
005
V
VOH
High Level Output Voltage VDD e 5V
495
495
495
V
VDD e 10V
995
995
995
V
VDD e 15V
1495
1495
1495
V
VIL
Low Level Input Voltage
VDD e 5V VO e 05V or 45V
15
15
15
V
VDD e 10V VO e 10V or 90V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
35
V
VDD e 10V VO e 10V or 90V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output Current
VDD e 5V VO e 04V
052
044
036
mA
(Note 3)
VDD e 10V VO e 05V
13
11
09
mA
VDD e 15V VO e 15V
36
30
24
mA
IOH
High Level Output Current
VDD e5V VO e 46V
b
052
b
044
b
036
mA
(Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
09
mA
VDD e15V VO e 135V
b
36
b
30
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
03
b
10-5
b
10
m
A
VDD e 15V VIN e 15V
03
10-5
03
10
m
A
IOZ
TRI-STATE Leakage
VDD e 15V VO e 0V
b
03
b
03
b
10-5
b
10
m
A
Current
VDD e 15V VO e 15V
03
10-5
03
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k input tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL tPLH
Propagation Delay Time A (B)
VDD e 5V
280
700
ns
Synchronous Parallel Data or Serial
VDD e 10V
120
270
ns
Data Input B (A) Parallel Data
VDD e 15V
85
190
ns
Output
tPHL tPLH
Propagation Delay Time A (B)
VDD e 5V
280
700
ns
A (B) Asynchronous Parallel Data
VDD e 10V
120
270
ns
Input B (A) Parallel Data Output
VDD e 15V
85
190
ns
tPHZ tPLZ
Propagation Delay Time from AB
VDD e 5V
RL e 10 kX
95
220
ns
or AE to High Impedance State at A
VDD e 10V RL e 10 kX
60
130
ns
Outputs or from AB to High
VDD e 15V RL e 10 kX
45
100
ns
Impedance State at B Outputs
tPZH tPZL
Propagation Delay Time from AB
VDD e 5V
RL e 10 kX
180
480
ns
or AE to Logical ‘‘1’’ or Logical ‘‘0’’
VDD e 10V RL e 10 kX
75
190
ns
State at A Outputs or from AB to
VDD e 15V RL e 10 kX
55
140
ns
Logical ‘‘1’’ or Logical ‘‘0’’ State at
B Outputs
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com