Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4034BC Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4034BC
Description  8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4034BC Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4034BC Datasheet HTML 1Page - National Semiconductor (TI) CD4034BC Datasheet HTML 2Page - National Semiconductor (TI) CD4034BC Datasheet HTML 3Page - National Semiconductor (TI) CD4034BC Datasheet HTML 4Page - National Semiconductor (TI) CD4034BC Datasheet HTML 5Page - National Semiconductor (TI) CD4034BC Datasheet HTML 6Page - National Semiconductor (TI) CD4034BC Datasheet HTML 7Page - National Semiconductor (TI) CD4034BC Datasheet HTML 8Page - National Semiconductor (TI) CD4034BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k input tr e tf e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTHL tTLH
Output Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
fCL
Maximum Clock Input Frequency
VDD e 5V
2
4
MHz
VDD e 10V
5
10
MHz
VDD e 15V
7
14
MHz
tWL tWH
Minimum Clock Pulse Width
VDD e 5V
125
250
ns
VDD e 10V
50
100
ns
VDD e 15V
35
70
ns
tRCL tFCL
Maximum Clock Rise
Fall Time
VDD e 5V
15
m
s
VDD e 10V
15
m
s
VDD e 15V
15
m
s
tSU
Parallel (A or B) and Serial Data
VDD e 5V
25
70
ns
Setup Time
VDD e 10V
10
30
ns
VDD e 15V
7
20
ns
tSU
Control Inputs AE AB PS
VDD e 5V
110
280
ns
AS Setup Time
VDD e 10V
35
100
ns
VDD e 15V
60
60
ns
tWH
Minimum High Level AE AB PS
VDD e 5V
160
400
ns
AS Pulse Width
VDD e 10V
70
160
ns
VDD e 15V
40
90
ns
CIN
Average Input Capacitance
A and B Data IO and AB Control
7
15
pF
Input
Any Other Input
5
75
pF
CPD
Power Dissipation Capacitance
(Note 4)
155
pF
AC Parameters are guaranteed by DC correlated testing
Note 4
CPD determines the no-load power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
Logic Diagram
TLF5963 – 2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com