Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4034BC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4034BC
Description  8-Stage TRI-STATE Bidirectional Parallel/Serial Input/Output Bus Register
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4034BC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4034BC Datasheet HTML 1Page - National Semiconductor (TI) CD4034BC Datasheet HTML 2Page - National Semiconductor (TI) CD4034BC Datasheet HTML 3Page - National Semiconductor (TI) CD4034BC Datasheet HTML 4Page - National Semiconductor (TI) CD4034BC Datasheet HTML 5Page - National Semiconductor (TI) CD4034BC Datasheet HTML 6Page - National Semiconductor (TI) CD4034BC Datasheet HTML 7Page - National Semiconductor (TI) CD4034BC Datasheet HTML 8Page - National Semiconductor (TI) CD4034BC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TLF5963
February 1988
CD4034BMCD4034BC 8-Stage TRI-STATE
Bidirectional
ParallelSerial InputOutput Bus Register
General Description
The CD4034BMCD4034BC is an 8-bit CMOS static shift
register with two parallel bidirectional data ports (A and B)
which when combined with serial shifting operations can
be used to (1) bidirectionally transfer parallel data between
two buses (2) convert serial data to parallel form and direct
them to either of two buses (3) store (recirculate) parallel
data or (4) accept parallel data from either of two buses
and convert them to serial form These operations are con-
trolled by five control inputs
A ENABLE (AE)
‘‘A’’ data port is enabled only when AE
is at logical ‘‘1’’ This allows the use of a common bus
for multiple packages
A-BUS-TO-B-BUSB-BUS-TO-A-BUS (AB)
This input
controls the direction of data flow When at logical ‘’1’’
data flows from port A to B (A is input B is output)
When at logical ‘‘0’’ the data flow direction is reversed
ASYNCHRONOUSSYNCHRONOUS (AS)
When AS
is at logical ‘‘0’’ data transfer occurs at positive tran-
sition of the CLOCK When AS is at logical ‘‘1’’ data
transfer is independent of the CLOCK for parallel opera-
tion In serial mode AS input is internally disabled such
that operation is always synchronous (Asynchronous
serial operation is not possible)
PARALLELSERIAL (PS)
A logical ‘‘1’’ PS input al-
lows data transfer into the registers via A or B port (syn-
chronous if AS e logical ‘‘0’’ asynchronous if AS e
logical ‘‘1’’) A logical ‘‘0’’ PS allows serial data to
transfer into the register synchronously with the positive
transition of the CLOCK independent of the AS input
CLOCK
Single phase enabled only in synchronous
mode (Either PS e logical ‘‘1’’ and AS e logical ‘‘0’’
or PS e logical ‘‘0’’
All register stages are D-type master-slave flip-flops with
separate master and slave clock inputs generated internally
to allow synchronous or asynchronous data transfer from
master to slave
All inputs are protected against damage due to static dis-
charge by diode clamps to VDD and VSS
Features
Y
Wide supply voltage range
30V to 18V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Y
RCA CD4034B second source
Applications
Y
Parallel InputParallel Output
Parallel InputSerial Output
Serial InputParallel Output
Serial InputSerial Output register
Y
Shift rightshift left register
Y
Shift rightshift left with parallel loading
Y
Address register
Y
Buffer register
Y
Bus system register with enable parallel lines at bus
side
Y
Double bus register system
Y
Up-down Johnson or ring counter
Y
Pseudo-random code generators
Y
Sample and hold register (storage counting display)
Y
Frequency and phase comparator
Connection Diagram
Dual-In-Line Package
TLF5963 – 1
Top View
Order Number CD4034B
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4034BC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
CD4034B TI1-CD4034B Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
CD4034B TI2-CD4034B Datasheet
497Kb / 12P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
23-May-2025
CD4034B-MIL TI1-CD4034B-MIL Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
CD4034B-MIL TI2-CD4034B-MIL Datasheet
497Kb / 12P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
23-May-2025
More results

Similar Description - CD4034BC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4034B STMICROELECTRONICS-HCC4034B Datasheet
301Kb / 16P
INPUT/OUTPUT BUS REGISTER 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL
Jun-1989
logo
Texas Instruments
CD4034B TI-CD4034B Datasheet
321Kb / 7P
CMOS 8-STAGE STATIC BIDIRECTIONAL PARALLEL/SERIAL INPUT/OUTPUT BUS REGISTER
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP Datasheet
290Kb / 7P
8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
logo
System Logic Semiconduc...
SL4034B SLS-SL4034B Datasheet
71Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register
logo
Intersil Corporation
CD4034BMS INTERSIL-CD4034BMS Datasheet
149Kb / 14P
CMOS 8-Stage Static Bidirectional Parallel/Serial Input/Output Bus Register
logo
Integral Corp.
IW4034B INTEGRAL-IW4034B Datasheet
330Kb / 8P
8-STAGE STATIC BIDIRECTIONAL PARALLEL/ SERIAL INPUT/OUTPUT BUS REGISTER
logo
KODENSHI_AUK CORP.
KK4034B KODENSHI-KK4034B Datasheet
474Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
IK Semicon Co., Ltd
IW4034B IKSEMICON-IW4034B Datasheet
337Kb / 9P
8-Stage Static Bidirectional Parallel/ Serial Input/Output Bus Register High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4034B TI1-CD4034B_15 Datasheet
429Kb / 11P
CMOS 8-stage Static Bidirectional Parallel/Serial Input/Output Bus Resgister
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com