Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107SD Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5107SD
Description  1.4A Peak Half Bridge Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107SD Datasheet(HTML) 2 Page - Texas Instruments

  LM5107SD Datasheet HTML 1Page - Texas Instruments LM5107SD Datasheet HTML 2Page - Texas Instruments LM5107SD Datasheet HTML 3Page - Texas Instruments LM5107SD Datasheet HTML 4Page - Texas Instruments LM5107SD Datasheet HTML 5Page - Texas Instruments LM5107SD Datasheet HTML 6Page - Texas Instruments LM5107SD Datasheet HTML 7Page - Texas Instruments LM5107SD Datasheet HTML 8Page - Texas Instruments LM5107SD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LM5107
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 3
6.1
Absolute Maximum Ratings ...................................... 3
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Electrical Characteristics ......................................... 5
6.5
Switching Characteristics ......................................... 6
6.6
Typical Performance Characteristics ........................ 7
7
Detailed Description ............................................ 10
7.1
Functional Block Diagram ....................................... 10
8
Application and Implementation ........................ 11
8.1
Application Information............................................ 11
9
Layout ................................................................... 12
9.1
Layout Guidelines ................................................... 12
10
Device and Documentation Support ................. 13
10.1
Community Resource............................................ 13
10.2
Trademarks ........................................................... 13
10.3
Electrostatic Discharge Caution ............................ 13
10.4
Glossary ................................................................ 13
11
Mechanical, Packaging, and Orderable
Information ........................................................... 13
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (March 2013) to Revision E
Page
•
Added Device Information table, ESD Ratings, Pin Configuration and Functions section, Detailed Description
section, Application and Implementation section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Changes from Revision C (March 2013) to Revision D
Page
•
Changed layout of National Data Sheet to TI format ........................................................................................................... 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com