Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107SD Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5107SD
Description  1.4A Peak Half Bridge Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107SD Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5107SD Datasheet HTML 7Page - Texas Instruments LM5107SD Datasheet HTML 8Page - Texas Instruments LM5107SD Datasheet HTML 9Page - Texas Instruments LM5107SD Datasheet HTML 10Page - Texas Instruments LM5107SD Datasheet HTML 11Page - Texas Instruments LM5107SD Datasheet HTML 12Page - Texas Instruments LM5107SD Datasheet HTML 13Page - Texas Instruments LM5107SD Datasheet HTML 14Page - Texas Instruments LM5107SD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LM5107
www.ti.com
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 HS Transient Voltages Below Ground
The HS node will always be clamped by the body diode of the lower external FET. In some situations, board
resistances and inductances can cause the HS node to transiently swing several volts below ground. The HS
node can swing below ground provided:
1. HS must always be at a lower potential than HO. Pulling HO more than -0.3V below HS can activate
parasitic transistors resulting in excessive current to flow from the HB supply possibly resulting in damage to
the IC. The same relationship is true with LO and VSS. If necessary, a Schottky diode can be placed
externally between HO and HS or LO and GND to protect the IC from this type of transient. The diode must
be placed as close to the IC pins as possible in order to be effective.
2. HB to HS operating voltage should be 15V or less . Hence, if the HS pin transient voltage is -5V, VDD should
be ideally limited to 10V to keep HB to HS below 15V.
3. A low ESR bypass capacitor between HB to HS as well as VDD to VSS is essential for proper operation. The
capacitor should be located at the leads of the IC to minimize series inductance. The peak currents from LO
and HO can be quite large. Any series inductances with the bypass capacitor will cause voltage ringing at the
leads of the IC which must be avoided for reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com