Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5107SD Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5107SD
Description  1.4A Peak Half Bridge Gate Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5107SD Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5107SD Datasheet HTML 8Page - Texas Instruments LM5107SD Datasheet HTML 9Page - Texas Instruments LM5107SD Datasheet HTML 10Page - Texas Instruments LM5107SD Datasheet HTML 11Page - Texas Instruments LM5107SD Datasheet HTML 12Page - Texas Instruments LM5107SD Datasheet HTML 13Page - Texas Instruments LM5107SD Datasheet HTML 14Page - Texas Instruments LM5107SD Datasheet HTML 15Page - Texas Instruments LM5107SD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LM5107
SNVS333E – NOVEMBER 2004 – REVISED MARCH 2016
www.ti.com
Product Folder Links: LM5107
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
9 Layout
9.1 Layout Guidelines
The optimum performance of high and low side gate drivers cannot be achieved without taking due
considerations during circuit board layout. Following points are emphasized.
1. A low ESR / ESL capacitor must be connected close to the IC, and between VDD and VSS pins and between
HB and HS pins to support high peak currents being drawn from VDD during turn-on of the external
MOSFET.
2. To prevent large voltage transients at the drain of the top MOSFET, a low ESR electrolytic capacitor must be
connected between MOSFET drain and ground (VSS).
3. In order to avoid large negative transients on the switch node (HS) pin, the parasitic inductances in the
source of top MOSFET and in the drain of the bottom MOSFET (synchronous rectifier) must be minimized.
4. Grounding Considerations:
–
The first priority in designing grounding connections is to confine the high peak currents from charging
and discharging the MOSFET gate in a minimal physical area. This will decrease the loop inductance and
minimize noise issues on the gate terminal of the MOSFET. The MOSFETs should be placed as close as
possible to the gate driver.
–
The second high current path includes the bootstrap capacitor, the bootstrap diode, the local ground
referenced bypass capacitor and low side MOSFET body diode. The bootstrap capacitor is recharged on
the cycle-by-cycle basis through the bootstrap diode from the ground referenced VDD bypass capacitor.
The recharging occurs in a short time interval and involves high peak current. Minimizing this loop length
and area on the circuit board is important to ensure reliable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com