Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451ASTZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 5 Page - Analog Devices

  AD8451ASTZ Datasheet HTML 1Page - Analog Devices AD8451ASTZ Datasheet HTML 2Page - Analog Devices AD8451ASTZ Datasheet HTML 3Page - Analog Devices AD8451ASTZ Datasheet HTML 4Page - Analog Devices AD8451ASTZ Datasheet HTML 5Page - Analog Devices AD8451ASTZ Datasheet HTML 6Page - Analog Devices AD8451ASTZ Datasheet HTML 7Page - Analog Devices AD8451ASTZ Datasheet HTML 8Page - Analog Devices AD8451ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
AD8451
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Voltage Noise
f = 1 kHz
10
nV/√Hz
Voltage Noise, Peak to Peak
f = 0.1 Hz to 10 Hz
0.3
µV p-p
Current Noise
f = 1 kHz, CV buffer only
80
fA/√Hz
Current Noise, Peak to Peak
f = 0.1 Hz to 10 Hz
5
pA p-p
Small Signal −3 dB Bandwidth
3
MHz
Slew Rate
ΔVOUT = 10 V
1
V/µs
VOLTAGE REFERENCE
Nominal Output Voltage
With respect to AGND
2.5
V
Output Voltage Error
±1
%
Temperature Drift
TA = TMIN to TMAX
10
ppm/°C
Line Regulation
ΔVS = 10 V
40
ppm/V
Load Regulation
ΔIVREF = 1 mA (source only)
400
ppm/mA
Output Current, Sourcing
10
mA
Voltage Noise
f = 1 kHz
100
nV/√Hz
Voltage Noise, Peak to Peak
f = 0.1 Hz to 10 Hz
5
µV p-p
DIGITAL INTERFACE, MODE INPUT
MODE pin (Pin 39)
Input Voltage High, VIH
With respect to DGND
2.0
DVCC
V
Input Voltage Low, VIL
With respect to DGND
DGND
0.8
V
Mode Switching Time
500
ns
POWER SUPPLY
Operating Voltage Range
AVCC
5
36
V
AVEE
−31
0
V
Analog Supply Range
AVCC − AVEE
5
36
V
DVCC
3
5
V
Quiescent Current
AVCC
7
10
mA
AVEE
6.5
10
mA
DVCC
40
70
µA
TEMPERATURE RANGE
For Specified Performance
−40
+85
°C
Operational
−55
+125
°C
Rev. 0 | Page 5 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com