Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451ASTZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8451ASTZ Datasheet HTML 5Page - Analog Devices AD8451ASTZ Datasheet HTML 6Page - Analog Devices AD8451ASTZ Datasheet HTML 7Page - Analog Devices AD8451ASTZ Datasheet HTML 8Page - Analog Devices AD8451ASTZ Datasheet HTML 9Page - Analog Devices AD8451ASTZ Datasheet HTML 10Page - Analog Devices AD8451ASTZ Datasheet HTML 11Page - Analog Devices AD8451ASTZ Datasheet HTML 12Page - Analog Devices AD8451ASTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD8451
TYPICAL PERFORMANCE CHARACTERISTICS
AVCC = +15 V, AVEE = −15 V, TA = 25°C, and RL = ∞, unless otherwise noted.
IA CHARACTERISTICS
15
OUTPUT VOLTAGE (V)
30
0
20
25
20
25
10
30
0
5
−5
−5
−10
−10
15
10
5
AVCC = +25V
A
VEE = −5V
Figure 3. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +25 V and AVEE = −5 V
15
–15
–10
–5
0
5
10
–35 –30
–10
–20
0
45
30
40
20
10
–25
–5
–15
5
35
25
15
INPUT VOLTAGE (V)
AVCC = +25V
AVEE = –5V
Figure 4. Input Overvoltage Performance
for AVCC = +25 V and AVEE = −5 V
17.0
16.8
16.6
16.4
16.2
16.0
15.8
15.6
15.4
15.2
15.0
–15
–10
–5
0
5
10
15
20
25
INPUT COMMON-MODE VOLTAGE (V)
AVCC = +15V
AVEE = –15V
AVCC = +25V
AVEE = –5V
Figure 5. Input Bias Current vs. Input Common-Mode Voltage
20
–20
–15
–10
–5
0
5
10
15
–20
–15
–10
–5
0
5
10
15
20
OUTPUT VOLTAGE (V)
AVCC = +15V
AVEE = –15V
Figure 6. Input Common-Mode Voltage vs. Output Voltage
for AVCC = +15 V and AVEE = −15 V
15
–15
–10
–5
0
5
10
–45
–35
–40
–30
–10
–20
0
45
30
40
20
10
–25
–5
–15
5
35
25
15
INPUT VOLTAGE (V)
AVCC = +15V
AVEE = –15V
Figure 7. Input Overvoltage Performance
for AVCC = +15 V and AVEE = −15 V
20
19
18
17
16
15
14
13
12
–40 –30 –20 –10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
–IB
+IB
Figure 8. Input Bias Current vs. Temperature
Rev. 0 | Page 9 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com