Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8451ASTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8451ASTZ
Description  Low Cost, Precision Analog Front End and Controller for Battery Test/Formation Systems
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8451ASTZ Datasheet(HTML) 3 Page - Analog Devices

  AD8451ASTZ Datasheet HTML 1Page - Analog Devices AD8451ASTZ Datasheet HTML 2Page - Analog Devices AD8451ASTZ Datasheet HTML 3Page - Analog Devices AD8451ASTZ Datasheet HTML 4Page - Analog Devices AD8451ASTZ Datasheet HTML 5Page - Analog Devices AD8451ASTZ Datasheet HTML 6Page - Analog Devices AD8451ASTZ Datasheet HTML 7Page - Analog Devices AD8451ASTZ Datasheet HTML 8Page - Analog Devices AD8451ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD8451
SPECIFICATIONS
AVCC = +15 V, AVEE = −15 V; DVCC = +5 V; TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
CURRENT SENSE INSTRUMENTATION AMPLIFIER
Internal Fixed Gain
26
V/V
Gain Error
VISMEA = ±10 V
±0.1
%
Gain Drift
TA = TMIN to TMAX
3
ppm/°C
Gain Nonlinearity
VISMEA = ±10 V, RL = 2 kΩ
3
ppm
Offset Voltage (RTI)
ISREFH and ISREFL pins grounded
−110
+110
µV
Offset Voltage Drift
TA = TMIN to TMAX
0.9
µV/°C
Input Bias Current
15
30
nA
Temperature Coefficient
TA = TMIN to TMAX
150
pA/°C
Input Offset Current
2
nA
Temperature Coefficient
TA = TMIN to TMAX
10
pA/°C
Input Common-Mode Voltage Range
VISVP − VISVN = 0 V
AVEE + 2.3
AVCC − 2.4
V
Over Temperature
TA = TMIN to TMAX
AVEE + 2.6
AVCC − 2.6
V
Overvoltage Input Range
AVCC − 55
AVEE + 55
V
Differential Input Impedance
150
GΩ
Input Common-Mode Impedance
150
GΩ
Output Voltage Swing
AVEE + 1.5
AVCC − 1.2
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.4
V
Capacitive Load Drive
1000
pF
Short-Circuit Current
40
mA
Reference Input Voltage Range
ISREFH and ISREFL pins tied together
AVEE
AVCC
V
Reference Input Bias Current
VISVP = VISVN = 0 V
5
µA
Output Voltage Level Shift
ISREFL pin grounded
Maximum
ISREFH pin connected to VREF pin
17
20
23
mV
Scale Factor
VISMEA/VISREFH
6.8
8
9.2
mV/V
Common-Mode Rejection Ratio (CMRR)
ΔVCM = 20 V
108
dB
Temperature Coefficient
TA = TMIN to TMAX
0.01
µV/V/°C
Power Supply Rejection Ratio (PSRR)
ΔVS = 20 V
108
122
dB
Voltage Noise
f = 1 kHz
9
nV/√Hz
Voltage Noise, Peak to Peak
f = 0.1 Hz to 10 Hz
0.2
µV p-p
Current Noise
f = 1 kHz
80
fA/√Hz
Current Noise, Peak to Peak
f = 0.1 Hz to 10 Hz
5
pA p-p
Small Signal −3 dB Bandwidth
1.5
MHz
Slew Rate
ΔVISMEA = 10 V
5
V/µs
VOLTAGE SENSE DIFFERENCE AMPLIFER
Internal Fixed Gains
0.8
V/V
Gain Error
VIN = ±10 V
±0.1
%
Gain Drift
TA = TMIN to TMAX
3
ppm/°C
Gain Nonlinearity
VBVMEA = ±10 V, RL = 2 kΩ
3
ppm
Offset Voltage (RTO)
BVREFH and BVREFL pins grounded
500
µV
Offset Voltage Drift
TA = TMIN to TMAX
4
µV/°C
Differential Input Voltage Range
VBVN = 0 V, VBVREFL = 0 V
−16
+16
V
Input Common-Mode Voltage Range
VBVMEA = 0 V
−27
+27
V
Differential Input Impedance
200
kΩ
Input Common-Mode Impedance
90
kΩ
Output Voltage Swing
AVEE + 1.5
AVCC − 1.5
V
Over Temperature
TA = TMIN to TMAX
AVEE + 1.7
AVCC − 1.7
V
Capacitive Load Drive
1000
pF
Short-Circuit Current
30
mA
Rev. 0 | Page 3 of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com