Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 34 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 30Page - Analog Devices AD9993BBCZ Datasheet HTML 31Page - Analog Devices AD9993BBCZ Datasheet HTML 32Page - Analog Devices AD9993BBCZ Datasheet HTML 33Page - Analog Devices AD9993BBCZ Datasheet HTML 34Page - Analog Devices AD9993BBCZ Datasheet HTML 35Page - Analog Devices AD9993BBCZ Datasheet HTML 36Page - Analog Devices AD9993BBCZ Datasheet HTML 37Page - Analog Devices AD9993BBCZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
AD9993
Data Sheet
Rev. A | Page 34 of 56
LVDS TX CONTROL REGISTER
Address: 0x014, Reset: 0x00, Name: FLEX_OUTPUT_ADJUST
Table 19. Bit Descriptions for FLEX_OUTPUT_ADJUST
Bits
Bit Name
Description
Reset
Access
[7:5]
LVDS_BIAS_DAC
Sets LVDS output swing.
0x0
RW
000 = 200 mV.
001 = 227 mV.
010 = 257 mV.
011 = 282 mV.
100 = 296 mV.
101 = 330 mV.
110 = 350 mV.
111 = 372 mV.
[4:2]
LVDS_BG_TRIM
Band gap trim for LVDS Tx DOUTxx_P and DOUTxx_N pins.
0x0
RW
[1:0]
LVDS_DRIVE
Output LVDS drive current.
0x0
RW
00 = 1 mA output drive current (default).
01 = 2 mA output drive current.
10 = 3 mA output drive current.
11 = 4 mA output drive current.
VREF CONTROL REGISTER
Address: 0x016, Reset: 0x00, Name: FLEX_VREF
Table 20. Bit Descriptions for FLEX_VREF
Bits
Bit Name
Description
Reset
Access
[4:0]
VREF_FS_ADJ
Main reference full-scale VREF adjustment.
0x0
RW
01111 = internal 2.087 V p-p.
…
00001 = internal 1.772 V p-p.
00000 = internal 1.75 V p-p.
11111 = internal 1.727 V p-p.
…
10000 = internal 1.383 V p-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com