Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 31Page - Analog Devices AD9993BBCZ Datasheet HTML 32Page - Analog Devices AD9993BBCZ Datasheet HTML 33Page - Analog Devices AD9993BBCZ Datasheet HTML 34Page - Analog Devices AD9993BBCZ Datasheet HTML 35Page - Analog Devices AD9993BBCZ Datasheet HTML 36Page - Analog Devices AD9993BBCZ Datasheet HTML 37Page - Analog Devices AD9993BBCZ Datasheet HTML 38Page - Analog Devices AD9993BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 35 of 56
PRBS GENERATOR CONTROL REGISTER
Address: 0x017, Reset: 0x00, Name: PRBS_GEN_CTRL
Table 21. Bit Descriptions for PRBS_GEN_CTRL
Bits
Bit Name
Description
Reset
Access
5
STROBE_PRBS_RESET
Reset PRBS generator on strobe lane (transfer not needed).
0x0
RW
0 = normal working if PRBS enabled.
1 = reset the PRBS on strobe lane.
4
STROBE_PRBS_EN
Enable PRBS testing on strobe lane.
0x0
RW
0 = normal mode working with STROBE_DUTY_CYCLE_EN and
STROBE_SAMPLE_RATE.
1 = test mode only.
Note: needs at least one ADC channel working.
1
DP_PRBS_GEN_RESET
Pseudorandom binary sequence generator reset (transfer not needed,
ADC indexed).
0x0
RW
0 = PRBS generator enabled.
1 = PRBS generator held in reset.
0
DP_PRBS_GEN_EN
Enable PRBS generating on ADC data lanes (ADC indexed).
0x0
RW
8-BIT SEED MSB OF PRBS GENERATOR FOR LANE 0 REGISTER
Address: 0x020, Reset: 0x01, Name: PRBS0_SEED_MSB
Table 22. Bit Descriptions for PRBS0_SEED_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
DP_PRBS0_SEED_MSB
8-bit MSB seed of PRBS generator in Lane 0 (ADC indexed).
The 15-bit LSB is always 0x3AFF.
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com