Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9993BBCZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End (MxFE)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 5Page - Analog Devices AD9993BBCZ Datasheet HTML 6Page - Analog Devices AD9993BBCZ Datasheet HTML 7Page - Analog Devices AD9993BBCZ Datasheet HTML 8Page - Analog Devices AD9993BBCZ Datasheet HTML 9Page - Analog Devices AD9993BBCZ Datasheet HTML 10Page - Analog Devices AD9993BBCZ Datasheet HTML 11Page - Analog Devices AD9993BBCZ Datasheet HTML 12Page - Analog Devices AD9993BBCZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Data Sheet
AD9993
Rev. A | Page 9 of 56
Pin No.
Mnemonic
Description
A11
A_VINP
ADC A Voltage Input Positive.
A13
IBIAS_TEST
Test. Connect to ground.
B1
CLKN
External Master Clock Input Negative
B2
REFCLK
On-Chip PLL Synthesizer Reference Clock Input.
B4
D_VINN
ADC D Input Voltage Negative.
B5
D_CML
Common-Mode Level Bias Voltage Output ADC D.
B6
C_VINN
ADC C Input Voltage Negative.
B9
B_VINN
ADC B Voltage Input Negative.
B10
A_CML
Common-Mode Level Bias Voltage Output for ADC A.
B11
A_VINN
ADC A Voltage Input Negative.
B13
IOUTA_N
DAC A Output Current Negative.
B14
IOUTA_P
DAC A Output Current Positive.
C13, C14, F5
AVDD33
3.3 V Analog Power Supply.
D1
LDO15
On-Chip Regulator Output. Bypass with 4.7 μF capacitor to ground.
D2
CP
Connection for On-Chip PLL Optional External Portion of Loop Filter.
D13
IOUTB_N
DAC B Output Current Negative.
D14
IOUTB_P
DAC B Output Current Positive.
E1, E2, E3, E4, E5, E6, E7, E8, E9, E10, E11, E12, E13,
E14, G12
AVDD
1.8 V Analog Power Supply.
F1
PDWN
Power-Down. Set to 1 to place the device in low power mode.
F2
ALERT
Active Low Alarm Indicator Output, Open Drain.
F3
RST
Reset Input, Active Low.
F4
MODE
Connect to ground.
F12
VREF_DAC
DAC A and DAC B Reference Voltage Input/Output.
F13
FSAJ_B
DAC B Full-Scale Current Output Adjust.
F14
FSAJ_A
DAC A Full-Scale Current Output Adjust.
G1
SPI_SCLK
SPI Clock.
G2
SPI_CS
SPI Chip Select, Active Low.
G3
SPI_SDI
SPI Serial Data Input.
G4
SPI_SDO
SPI Serial Data Output.
G5, J1, J2, J3, J4, J5, J6, J7, J8, J9, J10, J11, J12, J13,
J14
DVDD
1.8 V Digital Supply.
G13
CML_B
DAC B Common-Mode Control. Connect to ground for DAC bias < 0.5 V.
Connect a 0.1 μF capacitor between CML_B and ground for other DAC
bias values ≥ 0.5 V.
G14
CML_A
DAC A Common-Mode Control. Connect to ground for DAC bias < 0.5 V.
Connect a 0.1 μF capacitor between CML_A and ground for other DAC
bias values ≥ 0.5 V.
H1, H2, H3, H4, H5, H6, H7, H8, H9, H10, H11, H12,
H13, H14, N7, N8, P1, P14
DVSS
Digital Ground.
K1
DIN6B_N
DAC B Data Input Lane 6 Negative.
K2
DIN4B_N
DAC B Data Input Lane 4 Negative.
K3
DIN1B_N
DAC B Data Input Lane 1 Negative.
K4
DOUT3D_P
ADC D Data Output Lane 3 Positive.
K5
DOUT3D_N
ADC D Data Output Lane 3 Negative.
K6
DOUT3C_P
ADC C Data Output Lane 3 Positive.
K7
DCO_N
LVDS Data Clock Output Negative.
K8
DCO_P
LVDS Data Clock Output Positive.
K9
DOUT3B_P
ADC B Data Output Lane 3 Positive.
K10
DOUT3A_N
ADC A Data Output Lane 3 Negative.
K11
DOUT3A_P
ADC A Data Output Lane 3 Positive.
K12
DIN1A_N
DAC A Data Input Lane 1 Negative.
K13
DIN4A_N
DAC A Data Input Lane 4 Negative.
K14
DIN6A_N
DAC A Data Input Lane 6 Negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com