Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPS61253
Description  High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS61253_16 Datasheet HTML 16Page - Texas Instruments TPS61253_16 Datasheet HTML 17Page - Texas Instruments TPS61253_16 Datasheet HTML 18Page - Texas Instruments TPS61253_16 Datasheet HTML 19Page - Texas Instruments TPS61253_16 Datasheet HTML 20Page - Texas Instruments TPS61253_16 Datasheet HTML 21Page - Texas Instruments TPS61253_16 Datasheet HTML 22Page - Texas Instruments TPS61253_16 Datasheet HTML 23Page - Texas Instruments TPS61253_16 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
ESR
OUT
ESR
V
I
R
=
g
20
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
www.ti.com
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
With a chosen ripple voltage of 20mV, a minimum effective capacitance of 9
μF is needed. The total ripple is
larger due to the ESR of the output capacitor. This additional component of the ripple can be calculated using
Equation 7
(7)
An MLCC capacitor with twice the value of the calculated minimum should be used due to DC bias effects. This
is required to maintain control loop stability. The output capacitor requires either an X7R or X5R dielectric. Y5V
and Z5U dielectric capacitors, aside from their wide variation in capacitance over temperature, become resistive
at high frequencies. There are no additional requirements regarding minimum ESR. Larger capacitors cause
lower output voltage ripple as well as lower output voltage drop during load transients but the total output
capacitance value should not exceed ca. 50µF.
DC bias effect: high cap. ceramic capacitors exhibit DC bias effects, which have a strong influence on the
device's effective capacitance. Therefore the right capacitor value has to be chosen very carefully. Package size
and voltage rating in combination with material are responsible for differences between the rated capacitor value
and it's effective capacitance. For instance, a 10-µF X5R 6.3-V 0603 MLCC capacitor would typically show an
effective capacitance of less than 4 µF (under 5 V bias condition, high temperature).
In applications featuring high pulsed load currents (e.g. TPS61253 based solution) it is recommended to run the
converter with a reasonable amount of effective output capacitance, for instance x2 10-µF X5R 6.3-V 0603
MLCC capacitors connected in parallel.
10.2.2.3 Input Capacitor
Multilayer ceramic capacitors are an excellent choice for input decoupling of the step-up converter as they have
extremely low ESR and are available in small footprints. Input capacitors should be located as close as possible
to the device. While a 4.7-
μF input capacitor is sufficient for most applications, larger values may be used to
reduce input current ripple without limitations.
Take care when using only ceramic input capacitors. When a ceramic capacitor is used at the input and the
power is being supplied through long wires, such as from a wall adapter, a load step at the output can induce
ringing at the VIN pin. This ringing can couple to the output and be mistaken as loop instability or could even
damage the part. Additional "bulk" capacitance (electrolytic or tantalum) should in this circumstance be placed
between CI and the power source lead to reduce ringing that can occur between the inductance of the power
source leads and CI.
10.2.2.4 Checking Loop Stability
The first step of circuit and stability evaluation is to look from a steady-state perspective at the following signals:
•
Switching node, SW
•
Inductor current, IL
•
Output ripple voltage, VOUT(AC)
These are the basic signals that need to be measured when evaluating a switching converter. When the
switching waveform shows large duty cycle jitter or the output voltage or inductor current shows oscillations, the
regulation loop may be unstable. This is often a result of board layout and/or L-C combination.
As a next step in the evaluation of the regulation loop, the load transient response is tested. The time between
the application of the load transient and the turn on of the P-channel MOSFET, the output capacitor must supply
all of the current required by the load. VOUT immediately shifts by an amount equal to ΔI(LOAD) x ESR, where ESR
is the effective series resistance of COUT. ΔI(LOAD) begins to charge or discharge COUT generating a feedback
error signal used by the regulator to return VOUT to its steady-state value. The results are most easily interpreted
when the device operates in PWM mode.
During this recovery time, VOUT can be monitored for settling time, overshoot or ringing that helps judge the
converter’s stability. Without any ringing, the loop has usually more than 45° of phase margin. Because the
damping factor of the circuitry is directly related to several resistive parameters (e.g., MOSFET rDS(on)) that are
temperature dependant, the loop stability analysis has to be done over the input voltage range, load current
range, and temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com