Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61253
Description  High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61253_16 Datasheet HTML 1Page - Texas Instruments TPS61253_16 Datasheet HTML 2Page - Texas Instruments TPS61253_16 Datasheet HTML 3Page - Texas Instruments TPS61253_16 Datasheet HTML 4Page - Texas Instruments TPS61253_16 Datasheet HTML 5Page - Texas Instruments TPS61253_16 Datasheet HTML 6Page - Texas Instruments TPS61253_16 Datasheet HTML 7Page - Texas Instruments TPS61253_16 Datasheet HTML 8Page - Texas Instruments TPS61253_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
7.4 Thermal Information
THERMAL METRIC(1)
TPS6125x
UNIT
YFF
9 PINS
RθJA
Junction-to-ambient thermal resistance
108.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
1.0
RθJB
Junction-to-board thermal resistance
18
ψJT
Junction-to-top characterization parameter
4.2
ψJB
Junction-to-board characterization parameter
17.9
7.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.3V to 5.5V, EN = 1.8V, TA = –40°C to 85°C; Circuit of Parameter Measurement
Information section (unless otherwise noted). Typical values are at VIN = 3.6V, EN = 1.8V, TA = 25°C (unless otherwise
noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ
Operating quiescent current
into VIN Operating quiescent current
into VOUT Standby mode quiescent current
into VIN Standby mode quiescent current
into VOUT
IOUT = 0mA, VIN = 3.6V
EN = VIN, BP = GND
Device not switching
30
45
µA
7
15
µA
IOUT = 0mA, VIN = VOUT = 3.6V
EN = GND, BP = VIN
Device not switching
11
20
µA
9.5
15
µA
ISD
Shutdown current
EN = GND, BP = GND
0.85
5.0
μA
VUVLO
Under-voltage lockout threshold
Falling
2.0
2.1
V
Hysteresis
0.1
V
ENABLE, BYPASS
VIL
Low-level input voltage
0.4
V
VIH
High-level input voltage
1.0
V
Ilkg
Input leakage current
Input connected to GND or VIN
0.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com