Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS61253 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61253
Description  High Efficiency Step-Up Converter In Chip Scale Packaging
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61253_16 Datasheet HTML 5Page - Texas Instruments TPS61253_16 Datasheet HTML 6Page - Texas Instruments TPS61253_16 Datasheet HTML 7Page - Texas Instruments TPS61253_16 Datasheet HTML 8Page - Texas Instruments TPS61253_16 Datasheet HTML 9Page - Texas Instruments TPS61253_16 Datasheet HTML 10Page - Texas Instruments TPS61253_16 Datasheet HTML 11Page - Texas Instruments TPS61253_16 Datasheet HTML 12Page - Texas Instruments TPS61253_16 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
4.95
5
5.05
5.1
5.15
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 5 V
I
V = 2.5 V
I
V = 4.5 V
I
V
= 5 V (TPS61256)
PFM/PWM Operation
O
V = 3.6 V
I
4.365
4.41
4.455
4.5
4.545
V
= 4.5 V
PWM Operation
O
V = 4.5 V
I
V = 2.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
500
700
900
1100
1300
1500
1700
1900
I
- Output Current - mA
O
V = 4.2 V
I
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
I
- Output Current - mA
O
V
~
Standby Operation
O
VI
V = 4.5 V
I
V = 2.7 V
I
V = 3 V
I
V = 3.3 V
I
V = 3.6 V
I
4.41
4.46
4.50
4.55
4.59
0.1
1
10
100
1000
I
- Output Current - mA
O
V = 2.5 V
I
V = 4.5 V
I
V = 3.6 V
I
V
= 4.5 V
PFM/PWM Operation
O
I
= 300 mA
O
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V - Input Voltage - V
I
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
V
= 5 V
PFM/PWM Operation
O
I
= 100 mA
O
I
= 10 mA
O
I
= 800 mA
O
50
55
60
65
70
75
80
85
90
95
100
0
1
10
100
1000
10000
I - Output Current - mA
O
V = 4.2 V
I
V = 4.5 V
I
V = 3.3 V
I
V = 3.6 V
I
V = 5 V (TPS61253),
I = Pulse Operation (t
= 20 ms,
= 10%),
PFM/PWM Operation
O
O
pulse
d
9
TPS61253, TPS61254, TPS61256, TPS61258, TPS61259, TPS612592
www.ti.com
SLVSAG8F – SEPTEMBER 2011 – REVISED MARCH 2016
Product Folder Links: TPS61253 TPS61254 TPS61256 TPS61258 TPS61259 TPS612592
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Figure 3. Efficiency vs Output Current
Figure 4. Efficiency vs Input Voltage
Figure 5. Efficiency vs Output Current
Figure 6. DC Output Voltage vs Output Current
Figure 7. DC Output Voltage vs Output Current
Figure 8. DC Output Voltage vs Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com