Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-8A Datasheet(PDF) 2 Page - Mini-Circuits

Part # RAM-8A
Description  Monolithic Amplifier DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RAM-8A Datasheet(HTML) 2 Page - Mini-Circuits

  RAM-8A Datasheet HTML 1Page - Mini-Circuits RAM-8A Datasheet HTML 2Page - Mini-Circuits RAM-8A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Monolithic Amplifier
Page 2 of 4
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Electrical Specifications at 25°C and 36mA, unless noted
RAM-8A+
Absolute Maximum Ratings
Parameter
Ratings
Operating Temperature
-54°C to 100°C
Storage Temperature
-65°C to 150°C
Operating Current
65mA
Power Dissipation
420mW
Input Power
13dBm
Note: Permanent damage may occur if any of these limits are exceeded.
These ratings are not intended for continuous normal operation.
1
Case is defined as ground leads.
2
Full temperature range.
Parameter
Min.
Typ.
Max.
Units
Frequency Range*
DC
1
GHz
Gain
f=0.1 GHz
31.5
dB
f=1 GHz
192
24.4
Input Return Loss
f=0.1 to 1 GHz
13
dB
Output Return Loss
f=0.1 to 1 GHz
11
dB
Output Power @ 1 dB compression
f=1 GHz
12.6
dBm
Output IP3
f=1 GHz
+24.4
dBm
Noise Figure
f=1 GHz
2.6
dB
Recommended Device Operating Current
36
mA
Device Operating Voltage
3.7
V
Thermal Resistance, junction-to-case1
145
°C/W
*Guaranteed specification DC-1 GHz. Low frequency cut off determined by external coupling capacitors.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com