Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-8A Datasheet(PDF) 3 Page - Mini-Circuits

Part # RAM-8A
Description  Monolithic Amplifier DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RAM-8A Datasheet(HTML) 3 Page - Mini-Circuits

  RAM-8A Datasheet HTML 1Page - Mini-Circuits RAM-8A Datasheet HTML 2Page - Mini-Circuits RAM-8A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Monolithic Amplifier
Page 3 of 4
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Product Marking
RAM-8A+
Case Style: AF190
Suggested Layout for PCB Design: PL-254
Ceramic surface-mount, .083 body diameter, lead finish: tin plate
Evaluation Board: TB-414-8A+
Tape & Reel: F14
7” inch reels with 20, 50, 100, 200, 500, 1000 devices.
Additional Detailed Technical Information
Additional information is available on our web site. To access this information enter the model number on
our web site home page.
Environmental Ratings: ENV08T6
Performance data, graphs, s-parameter data set (.zip file)
1
2
4
3
A8A
Recommended Application Circuit
Test Board includes case, connectors, and components (in bold) soldered to PCB
Human Body Model (HBM): Class 2 (2000 to <4000V) in accordance with ANSI/ESD STM 5.1 - 2001
Machine Model (MM): Class M1 (<500V) in accordance with ANSI/ESD STM 5.2-1999
ESD Rating
4
2
3
1
C block
IN
C block
Ibias
OUT
Vd
R F C (Optional)
C bypass
Vcc
R bias (R equired)
Markings in addition to model number designation may appear for internal quality control purposes.
R BIAS1
Vcc
Bias Resistor Value2
7
88.7
8
118
9
143
10
174
11
200
12
226
13
255
14
280
15
309
1
When being used as a substitute for MAR-8SM or MSA-0866, the bias resistor
values must be changed to the values in this table.
2
1% Resistor values (ohms) for optimum bias.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com