Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-8A Datasheet(PDF) 1 Page - Mini-Circuits

Part # RAM-8A
Description  Monolithic Amplifier DC-1 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RAM-8A Datasheet(HTML) 1 Page - Mini-Circuits

  RAM-8A Datasheet HTML 1Page - Mini-Circuits RAM-8A Datasheet HTML 2Page - Mini-Circuits RAM-8A Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount
Monolithic Amplifier
Page 1 of 4
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Product Features
• Exact footprint compatible for RAM-8+
Benefits: • lower device voltage, 3.7V typ.
• lower power dissipation in the MMIC
• may eliminate need for RFC
• Wideband, DC to 1 GHz
• Cascadable ceramic package
• Internally Matched to 50 Ohms
• Low noise figure, 2.6 dB typ.
• Excellent repeatability
Typical Applications
• Cellular
• UHF/VHF
• Communication system
• Transmition receivers
simplified schematic and pin description
Function
Pin Number
Description
RF IN
1
RF input pin. This pin requires the use of an external DC blocking capacitor chosen
for the frequency of operation.
RF-OUT and DC-IN
3
RF output and bias pin. DC voltage is present on this pin; therefore a DC blocking
capacitor is necessary for proper operation. An RF choke is needed to feed DC bias
without loss of RF signal due to the bias connection, as shown in “Recommended
Application Circuit”.
GND
2,4
Connections to ground. Use via holes as shown in “Suggested Layout for PCB
Design” to reduce ground path inductance for best performance.
General Description
RAM-8A+ (RoHS compliant) is a wideband amplifier offering high dynamic range. It has repeatable
performance from lot to lot. It is enclosed in a ceramic surface-mount package. RAM-8A+ uses Darlington
configuration and is fabricated using silicon technology.
RAM-8A+
GROUND
RF IN
RF-OUT and DC-IN
REV. 1
M
RAM-8A+
130523
DC-1 GHz
CASE STYLE: AF190-1
PRICE: $_._ ea. QTY. (20)
GND
GND
RF-OUT and DC-IN
RF IN
1
2
4
3
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Similar Part No. - RAM-8A

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAM-0505S RECOM-RAM-0505S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
Mini-Circuits
RAM-1 MINI-RAM-1 Datasheet
198Kb / 4P
Monolithic Amplifier
logo
Recom International Pow...
RAM-1205S RECOM-RAM-1205S Datasheet
108Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
SUN HOLD ELECTRIC INC
RAM-1A-10 SUNHOLD-RAM-1A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-1A-12 SUNHOLD-RAM-1A-12 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM-8A

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
GALI-2 MINI-GALI-2 Datasheet
192Kb / 4P
Monolithic Amplifier DC-8 GHz
GALI-3 MINI-GALI-3 Datasheet
190Kb / 4P
Monolithic Amplifier DC-3 GHz
GALI-4F MINI-GALI-4F Datasheet
191Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-33 MINI-GALI-33 Datasheet
192Kb / 4P
Monolithic Amplifier DC-4 GHz
GALI-52 MINI-GALI-52 Datasheet
191Kb / 4P
Monolithic Amplifier DC-2 GHz
GALI-74 MINI-GALI-74_15 Datasheet
190Kb / 4P
Monolithic Amplifier DC-1 GHz
MAR-4 MINI-MAR-4 Datasheet
239Kb / 4P
Monolithic Amplifier DC-1 GHz
RAM-4 MINI-RAM-4 Datasheet
198Kb / 4P
Monolithic Amplifier DC-1 GHz
RAM-6A MINI-RAM-6A Datasheet
203Kb / 3P
Monolithic Amplifier DC-2 GHz
VAM-7 MINI-VAM-7 Datasheet
212Kb / 4P
Monolithic Amplifier DC-2 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com