Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS398L Datasheet(PDF) 5 Page - Vectron International, Inc

Part # TFS398L
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS398L Datasheet(HTML) 5 Page - Vectron International, Inc

  TFS398L Datasheet HTML 1Page - Vectron International, Inc TFS398L Datasheet HTML 2Page - Vectron International, Inc TFS398L Datasheet HTML 3Page - Vectron International, Inc TFS398L Datasheet HTML 4Page - Vectron International, Inc TFS398L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Filename: tfs 398l.doc
Version 1.2
10.01.2008
VI TELEFILTER
Filter specification
TFS 398L
5/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
History
Version
Reason of Changes
Name
Date
1.0
- Generation of development specification
Strehl
17.12.2007
1.1
- package changed
Pfeiffer
21.12.2007
1.2
- add of terminating impedances, typical values, filter characteristics and matching configuration
Pfeiffer
10.01.2008
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com