Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS398L Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS398L
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS398L Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS398L Datasheet HTML 1Page - Vectron International, Inc TFS398L Datasheet HTML 2Page - Vectron International, Inc TFS398L Datasheet HTML 3Page - Vectron International, Inc TFS398L Datasheet HTML 4Page - Vectron International, Inc TFS398L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 398l.doc
Version 1.2
10.01.2008
VI TELEFILTER
Filter specification
TFS 398L
2/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Filter characteristic
348
358
368
378
388
398
408
418
428
438
448
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
frequency in MHz
388
390
392
394
396
398
400
402
404
406
408
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
frequency in MHz
388
390
392
394
396
398
400
402
404
406
408
0.362
0.41
0.458
0.506
0.554
0.602
0.65
0.698
0.746
0.794
0.842
frequency in MHz
Construction and pin connection
(All dimensions in mm)
1
7,2 Max.
0,80
2,54 ±0,2
3
1
Date code
S 398L
●
W02
1
Ground
2
Ground
3
Output RF Return
4
Output
5
Ground
6
Ground
7
Ground
8
Ground
9
Input RF Return
10
Input
11
Ground
12
Ground
Date code:
Year + week
W
2008
X
2009
A
2010
...
50 Ohm Test circuit
C1
L1
SAW
L2
C2
9
3
4
10
1, 2, 5, 6, 7, 8, 11, 12
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com