Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFS398L Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS398L
Description  Vectron International Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS398L Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS398L Datasheet HTML 1Page - Vectron International, Inc TFS398L Datasheet HTML 2Page - Vectron International, Inc TFS398L Datasheet HTML 3Page - Vectron International, Inc TFS398L Datasheet HTML 4Page - Vectron International, Inc TFS398L Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 398l.doc
Version 1.2
10.01.2008
VI TELEFILTER
Filter specification
TFS 398L
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@vectron.com
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance: *
Input:
810 Ω || -4,5 pF
Output:
810 Ω || -4,3 pF
Characteristics
Remark:
The reference level for the relative attenuation arel of the TFS 398L is the minimum of the pass band attenuation. This value is defined as the insertion loss
ae. The nominal frequency fN is fixed at 398 MHz without any tolerance. The values of relative attenuation arel are guaranteed for the whole operating
temperature range. The frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss
ae =amin
11,8
dB
max.
12,5
dB
(reference level)
Nominal frequency
fN
-
398,0
MHz
Passband
PB
-
fN
±
5,0
MHz
Pass band ripple
p-p
0,3
dB
max.
1,0
dB
Relative attenuation
arel
fN
... fN ±
5
MHz
0,5
dB
max.
1
dB
fN ±
10
MHz ... fN ±
13
MHz
39
dB
min.
35
dB
fN ±
13
MHz ... fN ±
50
MHz
45
dB
min.
40
dB
Group delay ripple within PB
25
ns
max.
60
ns
Operating temperature range
OTR
-
- 40 °C ... + 85°C
Storage temperature range
-
- 40 °C ... + 85°C
Temperature coefficient of frequency
TCf **
-19
ppm/K
-
*) The terminating impedances depend on parasites and q-values of matching elements and the board used, and are to be understood as reference values
only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**)
∆fc(Hz) = TCf(ppm/K) x (T - To) x fTo (MHz).
Generated:
Checked / Approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS398L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS398B VECTRON-TFS398B Datasheet
47Kb / 5P
Filter Specification
TFS398D VECTRON-TFS398D Datasheet
174Kb / 5P
Filter specification
TFS398E VECTRON-TFS398E Datasheet
225Kb / 5P
Filter specification
TFS398F VECTRON-TFS398F Datasheet
187Kb / 5P
Filter specification
TFS398G VECTRON-TFS398G Datasheet
224Kb / 5P
Filter specification
More results

Similar Description - TFS398L

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS115L VECTRON-TFS115L Datasheet
86Kb / 5P
Vectron International Filter specification
TFS169F VECTRON-TFS169F Datasheet
86Kb / 5P
Vectron International Filter specification
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
Vectron International Filter specification
TFS1864A VECTRON-TFS1864A Datasheet
204Kb / 5P
Vectron International Filter specification
TFS1968 VECTRON-TFS1968 Datasheet
85Kb / 5P
Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
Vectron International Filter specification
TFS180G VECTRON-TFS180G Datasheet
191Kb / 5P
Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com