Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211B Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP211B
Description  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211B Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP211B Datasheet HTML 5Page - Sipex Corporation SP211B Datasheet HTML 6Page - Sipex Corporation SP211B Datasheet HTML 7Page - Sipex Corporation SP211B Datasheet HTML 8Page - Sipex Corporation SP211B Datasheet HTML 9Page - Sipex Corporation SP211B Datasheet HTML 10Page - Sipex Corporation SP211B Datasheet HTML 11Page - Sipex Corporation SP211B Datasheet HTML 12Page - Sipex Corporation SP211B Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
computer to power up the microprocessor and
the SP2XXB/SP213 drivers. After the supply
voltage to the SP2XXB/SP213 reaches +5.0V,
the SHUTDOWN pin can be disabled, taking
the SP2XXB/SP213 out of the shutdown mode.
All receivers that are active during shutdown
maintain 500mV (typ.) of hysteresis.
A typical application of this function would be
where a modem is interfaced to a computer in a
power–down mode. The ring indicator signal
from the modem could be passed through an
active receiver in the SP2XXB/SP213 that is
itself in the shutdown mode. The ring indicator
signal would propagate through the SP2XXB/
SP213 to the power management circuitry of the
Figure 6. Wake–Up Timing
+5V
0V
ENABLE
DISABLE
SD
ROUT
DATA VALID
+5V
0V
ROUT
+5V
0V
ROUT
tWAIT
t0 (POWERUP)
ENABLE
DISABLE
SD
POWER UP WITH SD ACTIVE (Charge pump in shutdown mode)
POWER UP WITH SD DISABLED (Charge pump in active mode)
t0 (POWERUP)
tENABLE
DATA VALID
SD
DATA VALID
DATA VALID
DATA VALID
EXERCISING WAKE–UP FEATURE
t0 (POWERUP)
tENABLE
tENABLE
tENABLE
tWAIT
DISABLE
DISABLE
ENABLE
tWAIT = 2ms typical, 3ms maximum
tENABLE = 1ms typical, 2ms maximum
VCC = +5V ±10%; TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com