Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211B Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP211B
Description  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211B Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP211B Datasheet HTML 7Page - Sipex Corporation SP211B Datasheet HTML 8Page - Sipex Corporation SP211B Datasheet HTML 9Page - Sipex Corporation SP211B Datasheet HTML 10Page - Sipex Corporation SP211B Datasheet HTML 11Page - Sipex Corporation SP211B Datasheet HTML 12Page - Sipex Corporation SP211B Datasheet HTML 13Page - Sipex Corporation SP211B Datasheet HTML 14Page - Sipex Corporation SP211B Datasheet HTML 15Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
15
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
ORDERING INFORMATION
RS-232 Transceivers with Low–Power Shutdown, Tri–state Enable, and
Wake–Up Function:
Model .......... Drivers ............... Receivers ..................... Temperature Range ................. Package Type
SP205BCP ....... 5 ....... 5, with 5 active in Shutdown .......... 0°C to +70°C .... 24–pin Plastic Double–WidthDIP
SP205BEP ........ 5 ....... 5, with 5 active in Shutdown ...... –40°C to +85°C ... 24–pin Plastic Double–Width DIP
SP206BCA ....... 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 24–pin SSOP
SP206BCP ....... 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ...................... 24–pin Plastic DIP
SP206BCT ........ 4 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................... 24–pin SOIC
SP206BEA ........ 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 24–pin SSOP
SP206BET ........ 4 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................... 24–pin SOIC
SP207BCA ....... 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C .............................. 28–pin SSOP
SP207BCT ........ 5 ....... 3, with 3 active in Shutdown .......... 0°C to +70°C ............................... 28–pin SOIC
SP207BEA ........ 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C .............................. 28–pin SSOP
SP207BET ........ 5 ....... 3, with 3 active in Shutdown ...... –40°C to +85°C ............................... 28–pin SOIC
SP211BCA ....... 4 ....... 5, with 5 active in Shutdown .......... 0°C to +70°C .............................. 28–pin SSOP
SP211BCT ........ 4 ....... 5, with 5 active in Shutdown .......... 0°C to +70°C ............................... 28–pin SOIC
SP211BEA ........ 4 ....... 5, with 5 active in Shutdown ...... –40°C to +85°C .............................. 28–pin SSOP
SP211BET ........ 4 ....... 5, with 5 active in Shutdown ...... –40°C to +85°C ............................... 28–pin SOIC
SP213CA .......... 4 ....... 5, with 2 active in Shutdown .......... 0°C to +70°C .............................. 28–pin SSOP
SP213CT .......... 4 ....... 5, with 2 active in Shutdown .......... 0°C to +70°C ............................... 28–pin SOIC
SP213EA .......... 4 ....... 5, with 2 active in Shutdown ...... –40°C to +85°C .............................. 28–pin SSOP
SP213ET .......... 4 ....... 5, with 2 active in Shutdown ...... –40°C to +85°C ............................... 28–pin SOIC
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation
SIGNALPROCESSINGEXCELLENCE
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com