Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP211B Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP211B
Description  5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP211B Datasheet(HTML) 2 Page - Sipex Corporation

  SP211B Datasheet HTML 1Page - Sipex Corporation SP211B Datasheet HTML 2Page - Sipex Corporation SP211B Datasheet HTML 3Page - Sipex Corporation SP211B Datasheet HTML 4Page - Sipex Corporation SP211B Datasheet HTML 5Page - Sipex Corporation SP211B Datasheet HTML 6Page - Sipex Corporation SP211B Datasheet HTML 7Page - Sipex Corporation SP211B Datasheet HTML 8Page - Sipex Corporation SP211B Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
REV: A DATE:12/03/2003
+5V High-Speed RS232 Transceivers
© Copyright 2000 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device
at these or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time
may affect reliability.
V
CC ............................................................................................ +6V
V+ ................................................................. (V
CC – 0.3V) to +13.2V
V– ........................................................................................... 13.2V
Input Voltages
T
IN ................................................................... –0.3V to (VCC +0.3V)
R
IN ........................................................................................... ±20V
Output Voltages
T
OUT .......................................................... (V
+, +0.3V) to (V–, –0.3V)
R
OUT ................................................................. –0.3V to (VCC +0.3V)
Short Circuit Duration on T
OUT ....................................... Continuous
Power Dissipation
Plastic DIP .......................................................................... 375mW
(derate 7mW/°C above +70°C)
Small Outline ...................................................................... 375mW
(derate 7mW/°C above +70°C)
SPECIFICATIONS
V
CC at nominal ratings; 0.1µF charge pump capacitors; TMIN to TMAX, unless otherwise noted.
PARAMETER
MIN.
TYP.
MAX.
UNIT
CONDITIONS
TTL INPUTS
T
IN, EN, SD
Logic Threshold
V
IL
0.8
Volts
V
IH
2.0
Volts
Logic Pullup Current
15
200
µAT
IN = 0V
Maximum Data Rate
120
kbps
C
L = 2,500pF, RL = 3kΩ
TTL OUTPUTS
Compatibility
TTL/CMOS
V
OL
0.4
Volts
I
OUT = 3.2mA; VCC = +5V
V
OH
3.5
Volts
I
OUT = –1.0mA
Leakage Current
0.05
±10
µA
EN = V
CC; 0V ≤ VOUT ≤ VCC ;
T
A = +25°C
RS-232 OUTPUT
Output Voltage Swing
±5
±7
Volts
All transmitter outputs loaded
with 3kΩ to ground
Output Resistance
300
Ohms
V
CC = 0V; VOUT = ±2V
Output Short Circuit Current
±25
mA
Infinite duration
RS-232 INPUT
Voltage Range
–15
+15
Volts
Voltage Threshold
LOW
0.8
1.2
Volts
V
CC = 5V, TA = +25°C
HIGH
1.7
2.4
Volts
V
CC = 5V, TA = +25°C
Hysteresis
0.2
0.5
1.0
Volts
V
CC = +5V
Resistance
3
5
7
kΩ
±15V; T
A = +25°C
DYNAMIC CHARACTERISTICS
Propagation Delay
1.5
µs
RS-232–to–TTL
Instantaneous Slew Rate
30
V/µsC
L = 50pF, RL = 3–7kΩ;
T
A = +25°C
Transition Region Slew Rate
5
V/µsC
L = 2,500pF, RL = 3kΩ;
measured from +3V to –3V
or –3V to +3V
Output Enable Time
400
ns
Output Disable Time
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com