Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3203
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3203 Datasheet HTML 5Page - Sipex Corporation SP3203 Datasheet HTML 6Page - Sipex Corporation SP3203 Datasheet HTML 7Page - Sipex Corporation SP3203 Datasheet HTML 8Page - Sipex Corporation SP3203 Datasheet HTML 9Page - Sipex Corporation SP3203 Datasheet HTML 10Page - Sipex Corporation SP3203 Datasheet HTML 11Page - Sipex Corporation SP3203 Datasheet HTML 12Page - Sipex Corporation SP3203 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
duces –VCC in the negative terminal of C1, which
is applied to the negative side of capacitor C2.
Since C2+ is at VCC, the voltage potential across
C2 is 2 times VCC.
VDD Transfer-Phase 4 (Figure 16)
The fourth phase of the clock connects the nega-
tive terminal of C2 to GND, and transfers this
positive generated voltage across C2 to C4, the
VDD storage capacitor. This voltage is regulated
to +5.5V. At this voltage, the internal oscillator
is disabled. Simultaneous with the transfer of the
voltage to C4, positive side of capacitor C1 is
switched to VCC and the negative side is con-
nected to GND, allowing the charge pump cycle
to begin again. The charge pump cycle will
continue as long as the operational conditions for
the internal oscillator are present.
Since both V+ and V– are separately generated
from VCC, in a no–load condition, V+ and V– will
be symmetrical. Older charge pump approaches
that generate V– from V+ will show a decrease in
the magnitude of V– compared to V+ due to the
inherent ineffiencies in the design.
The clock rate for the charge pump is typically
operates at 250kHz. The external capacitors are
usually 0.1
µF with a 16V breakdown voltage
rating.
VL Supply Level
Current RS-232 serial tranceivers are designed
with fixed 5V or 3.3V TTL input/output voltages
levels. The VL function in the SP3203 allows the
end user to set the TTL input/output voltage
levels independent of VCC. By connecting VL to
the main logic bus of system, the TTL input/
output limits and threshold are reset to interface
with the on board low voltage logic circuity.
:
e
l
b
a
T
n
o
i
t
c
e
l
e
S
r
o
t
i
c
a
p
a
C
V
C
C
)
V
((
1
C
µ )
F(
4
C
-
2
C
µ )
F
6
.
3
o
t
0
.
31
.
01
.
0
5
.
5
o
t
5
.
47
4
0
.
03
3
.
0
5
.
5
o
t
0
.
32
2
.
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com