Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP3203
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203 Datasheet(HTML) 2 Page - Sipex Corporation

  SP3203 Datasheet HTML 1Page - Sipex Corporation SP3203 Datasheet HTML 2Page - Sipex Corporation SP3203 Datasheet HTML 3Page - Sipex Corporation SP3203 Datasheet HTML 4Page - Sipex Corporation SP3203 Datasheet HTML 5Page - Sipex Corporation SP3203 Datasheet HTML 6Page - Sipex Corporation SP3203 Datasheet HTML 7Page - Sipex Corporation SP3203 Datasheet HTML 8Page - Sipex Corporation SP3203 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
2
NOTE 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated
in the operation sections of the specifications below is not
implied. Exposure to absolute maximum rating conditions
for extended periods of time may affect reliability and cause
permanent damage to the device.
VCC..................................................................-0.3V to +6.0V
V+ (NOTE 1)..................................................-0.3V to +7.0V
V- (NOTE 1)...................................................+0.3V to -7.0V
V+ + |V-| (NOTE 1).........................................................+13V
ICC (DC VCC or current)...........................................+100mA
Input Voltages
TxIN, SHUTDOWN = GND..........................-0.3V to +6.0V
RxIN...............................................................................+25V
(VCC = VL = +3V to +5.5V, C1-C4 = 0.1µF, tested at +3.3V +10%, C1 = 0.047µF, C2-C4 = 0.33µF, tested at +5.0V +10%, TA = TMIN to TMAX, unless
otherwise noted. Typical values are at VCC = VL +3.3V, TA = +25°C.)
SPECIFICATIONS
Output Voltages
TxOUT.............................................................+13.2V
RxOUT..............................................-0.3V to (V
L + 0.3V)
Short-Circuit Duration
TxOUT................................................................Continuous
Storage Temperature...............................-65°C to +150°C
Power Dissipation per Packages
20-Pin TSSOP
(derate 7.0mW/°C above+70°C)............................560mW
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
C
D
V
(
C
C
T
,
V
5
+
r
o
V
3
.
3
+
=
A
5
2
+
=
o
)
C
t
n
e
r
r
u
C
y
l
p
p
u
S3
.
01
A
mV
=
n
w
o
d
t
u
h
S
C
C
d
a
o
l
o
n
,
t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
d
t
u
h
S1
0
1
µA
D
N
G
=
n
w
o
d
t
u
h
S
S
T
U
P
N
I
C
I
G
O
L
w
o
L
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I
8
.
0
Vn
w
o
d
t
u
h
S
,
N
I
x
T
V
L
V
0
.
5
r
o
V
3
.
3
=
6
.
0V
L
V
5
.
2
=
h
g
i
H
d
l
o
h
s
e
r
h
T
c
i
g
o
L
t
u
p
n
I
4
.
2
Vn
w
o
d
t
u
h
S
,
N
I
x
T
V
L
V
0
.
5
=
0
.
2V
L
V
3
.
3
=
4
.
1V
L
V
5
.
2
=
9
.
0V
L
V
8
.
1
=
s
i
s
r
e
t
s
y
H
t
u
p
n
I
r
e
t
t
i
m
s
n
a
r
T5
.
0V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I1
0
.
0
±1
±
µA
n
w
o
d
t
u
h
S
,
N
I
x
T
S
T
U
P
T
U
O
R
E
V
I
E
C
E
R
s
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
t
u
O5
0
.
0
±0
1
±
µA
d
e
l
b
a
s
i
d
s
r
e
v
i
e
c
e
r
,
T
U
O
x
R
w
o
L
e
g
a
t
l
o
V
t
u
p
t
u
O4
.
0V
I
T
U
O
A
m
6
.
1
=
h
g
i
H
e
g
a
t
l
o
V
t
u
p
t
u
O
V
L -
6
.
0
V
L -
1
.
0
VI
T
U
O
A
m
1
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com