Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3203 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP3203
Description  3V RS-232 Serial Transceiver with Logic Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3203 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP3203 Datasheet HTML 6Page - Sipex Corporation SP3203 Datasheet HTML 7Page - Sipex Corporation SP3203 Datasheet HTML 8Page - Sipex Corporation SP3203 Datasheet HTML 9Page - Sipex Corporation SP3203 Datasheet HTML 10Page - Sipex Corporation SP3203 Datasheet HTML 11Page - Sipex Corporation SP3203 Datasheet HTML 12Page - Sipex Corporation SP3203 Datasheet HTML 13Page - Sipex Corporation SP3203 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Rev. 6/25/03
SP3203
© Copyright 2003 Sipex Corporation
Figure 17. Circuit for the connectivity of the SP3203 with a DB-9 connector
6
7
8
9
1
2
3
4
5
DB-9
Connector
6. DCE Ready
7. Request to Send
8. Clear to Send
9. Ring Indicator
DB-9 Connector Pins:
1. Received Line Signal Detector
2. Received Data
3. Transmitted Data
4. Data Terminal Ready
5. Signal Ground (Common)
SP3203
1
3
5
4
2
6
19
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
7
8
9
11
10
0.1µF
0.1µF
0.1µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1µF
0.1µF
17
16
15
14
13
18
T
1IN
R
1OUT
R
1IN
T
2OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
R
2IN
R
2OUT
12
VL
Shutdown
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com