Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCD331/BNDL Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # HCD331/BNDL
Description  5V OCXO HCMOS Low Profile
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

HCD331/BNDL Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  HCD331/BNDL Datasheet HTML 1Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
01 May 1998
16.3840MHz HCD331/BNDL ±5x10-9
±5x10-8 -20+60°C
MA05207
19.440MHz
HCD331/BNDL ±5x10-9
±5x10-8 -20+60°C
MA05208
5V OCXO HCMOS Low Profile
HCD331
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
21 Nov 2003
Standard. Optional - Please specify required code(s) when ordering
36.10 (max)
15.00
(max)
8.90
27.20 (max)
1
2
34
5
0.80Ø
5.00
PIN
1
2
3
4
5
CONNECTION
Freq adjustment
Ref. voltage out
Supply
RF output
Ground & case
BOTTOM VIEW
8.90
25.40
0.50
15.00
17.80
Features
Temperature stability down to 20ppb
Single 5V oven & oscillator supply
Low height compact package
Standard European IEC CO-08 pin-out
Custom options available
Part No, or product name + option codes + frequency
eg: HCD331/BNDL 16.3840MHz
HCD331/CMAL 19.440MHz
Option code X (eg HCD331/X) denotes a custom specification.
Ordering Information
Specifications
Option
Codes
HCD331
Product
Parameters
Freq
Specification
Ageing
Temperature
Part No
per day
stability
Standard Models
Frequency range:
13.0 ~ 20.0MHz
Ageing per day (at despatch):
< ±1x10-8

A
< ±5x10-9

B
< ±3x10-9

C
Frequency stability:
< ±3x10-7 per year

< ±5x10-8 per 10% change in V
DD
Temperature stability:
< ±1x10-7

M
< ±5x10-8

N
< ±2x10-8

P
Operating temperature range:
0 to +50°C

A
-20 to +60°C

D
-20 to +70°C

F
Storage temperature range:
-40 to +90°C
Output waveform:
50pF HCMOS, 45:55 duty
Frequency adjustment:
±1x10-5 (typ) over +0.5 to +4.0V
(sufficient for 15 years ageing min)
Stabilised +4.0V supply provided
Supply voltage (V
DD):
+5.0V (±0.25V)

L
Power consumption:
4.5W max at switch on
1.0W typ when stabilised at 25°C
Warm up:
< ±5x10-8 after 10mins at +25°C
Phase noise (@ 10.0MHz):
< -100dBc/Hz @ 10Hz

< -120dBc/Hz @ 100Hz

< -135dBc/Hz @ 1kHz

< -150dBc/Hz @ 10kHz

< -150dBc/Hz @ 50kHz

Shock:
IEC 68-2-27 Test Ea
50G for 11ms
Vibration:
IEC 68-2-06 Test Fc
10-55Hz, 1.5mm. 55-500Hz, 10G
2011/65/EU


Similar Part No. - HCD331/BNDL

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD331/BNDL GOLLEDGE-HCD331/BNDL Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
More results

Similar Description - HCD331/BNDL

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD300 GOLLEDGE-HCD300 Datasheet
62Kb / 1P
5V OCXO LOW PROFILE
HCD331 GOLLEDGE-HCD331 Datasheet
60Kb / 1P
5V OCXO HCMOS Low Profile
HCD351 GOLLEDGE-HCD351 Datasheet
61Kb / 1P
5V OCXO HCMOS Output
MCOCXOV GOLLEDGE-MCOCXOV Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
HCD332 GOLLEDGE-HCD332 Datasheet
61Kb / 1P
5V OCXO HCMOS OUTPUT STRATUM 3E
SCOCXOVT GOLLEDGE-SCOCXOVT Datasheet
59Kb / 1P
5V OCXO HCMOS Output 14-pin DIL
logo
Connor-Winfield Corpora...
AIOF5S3E CONNOR-WINFIELD-AIOF5S3E Datasheet
173Kb / 2P
STRATUM 3E 5V HCMOS OCXO
OFC5EF3ABG5 CONNOR-WINFIELD-OFC5EF3ABG5 Datasheet
181Kb / 2P
STRATUM 3E 5V HCMOS OCXO
logo
Golledge Electronics Lt...
HCD300 GOLLEDGE-HCD300_15 Datasheet
127Kb / 1P
5V OCXO Low profile
HCD351 GOLLEDGE-HCD351_15 Datasheet
135Kb / 1P
5V OCXO HCMOS Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com