Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP3223EB Datasheet HTML 1Page - Sipex Corporation SP3223EB Datasheet HTML 2Page - Sipex Corporation SP3223EB Datasheet HTML 3Page - Sipex Corporation SP3223EB Datasheet HTML 4Page - Sipex Corporation SP3223EB Datasheet HTML 5Page - Sipex Corporation SP3223EB Datasheet HTML 6Page - Sipex Corporation SP3223EB Datasheet HTML 7Page - Sipex Corporation SP3223EB Datasheet HTML 8Page - Sipex Corporation SP3223EB Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
SP3223EB/3243EB
Intelligent +3.0V to +5.5V RS-232 Transceivers
The SP3223EB and SP3243EB products are RS-232 transceiver solutions intended for
portable or hand-held applications such as notebook and palmtop computers. The SP3223EB
and SP3243EB use an internal high-efficiency, charge-pump power supply that requires only
0.1µF capacitors in 3.3V operation. This charge pump and Sipex's driver architecture allow
the SP3223EB/3243EB series to deliver compliant RS-232 performance from a single power
supply ranging from +3.0V to +5.5V. The SP3223EB is a 2-driver/2-receiver device, and the
SP3243EB is a 3-driver/5-receiver device ideal for laptop/notebook computer and PDA
applications. The SP3243EB includes one complementary receiver that remains alert to
monitor an external device's Ring Indicate signal while the device is shutdown.
The AUTO ON-LINE® feature allows the device to automatically "wake-up" during a shutdown
state when an RS-232 cable is connected and a connected peripheral is turned on. Otherwise,
the device automatically shuts itself down drawing less than 1µA.
■ Meets true EIA/TIA-232-F Standards
from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and
adheres to EIA/TIA-562 down to a +2.7V
power source
■ AUTO ON-LINE® circuitry automatically
wakes up from a 1µA shutdown
■ Minimum 250kbps data rate under load
■ Regulated Charge Pump Yields Stable
RS-232 Outputs Regardless of V
CC
Variations
■ Enhanced ESD Specifications:
+15kV Human Body Model
+15kV IEC1000-4-2 Air Discharge
+8kV IEC1000-4-2 Contact Discharge
DESCRIPTION
SELECTION TABLE
Applicable U.S. Patents - 5,306,954; and other patents pending.
e
c
i
v
e
Ds
e
il
p
p
u
S
r
e
w
o
P2
3
2
-
S
R
s
r
e
v
i
r
D
2
3
2
-
S
R
s
r
e
v
i
e
c
e
R
l
a
n
r
e
t
x
E
s
t
n
e
n
o
p
m
o
C
E
N
I
L
-
N
O
O
T
U
A
®
y
r
t
i
u
c
r
i
C
e
t
a
t
S
-
3
L
T
Tf
o
.
o
N
s
n
i
P
B
E
3
2
2
3
P
SV
5
.
5
+
o
t
V
0
.
3
+2
2
s
r
o
t
i
c
a
p
a
c
4S
E
YS
E
Y0
2
B
E
3
4
2
3
P
SV
5
.
5
+
o
t
V
0
.
3
+3
5
s
r
o
t
i
c
a
p
a
c
4S
E
YS
E
Y8
2
®
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHUTDOWN
C1+
V+
C1-
C2+
C2-
ONLINE
EN
R1IN
GND
VCC
T1OUT
STATUS
8
9
10
11
12
13
R2IN
R2OUT
SP3223EB
T2OUT
T1IN
T2IN
R1OUT
Now Available in Lead Free Packaging


Similar Part No. - SP3223EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223EB SIPEX-SP3223EB Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EB EXAR-SP3223EB Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223EBCA SIPEX-SP3223EBCA Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EBCA-L SIPEX-SP3223EBCA-L Datasheet
156Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223EBCA-L EXAR-SP3223EBCA-L Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results

Similar Description - SP3223EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3249E SIPEX-SP3249E Datasheet
128Kb / 14P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com