Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3223EB Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP3223EB
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3223EB Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP3223EB Datasheet HTML 3Page - Sipex Corporation SP3223EB Datasheet HTML 4Page - Sipex Corporation SP3223EB Datasheet HTML 5Page - Sipex Corporation SP3223EB Datasheet HTML 6Page - Sipex Corporation SP3223EB Datasheet HTML 7Page - Sipex Corporation SP3223EB Datasheet HTML 8Page - Sipex Corporation SP3223EB Datasheet HTML 9Page - Sipex Corporation SP3223EB Datasheet HTML 10Page - Sipex Corporation SP3223EB Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Date: 6/2/04
SP3223EB/3243EB +3.0V to +5.5V RS-232 Transceivers
© Copyright 2004 Sipex Corporation
Figure 12. SP3243EB Pinout Configuration
Figure 11. SP3223EB Pinout Configuration
V-
1
2
3
4
17
18
19
20
5
6
7
16
15
14
SHUTDOWN
C1+
V+
C1-
C2+
C2-
ONLINE
EN
R1IN
GND
VCC
T1OUT
STATUS
8
9
10
11
12
13
R2IN
R2OUT
SP3223EB
T2OUT
T1IN
T2IN
R1OUT
R4IN
1
2
3
4
25
26
27
28
5
6
7
24
23
22
SHUTDOWN
C2-
V-
R1IN
R2IN
R3IN
ONLINE
C2+
C1-
GND
VCC
V+
STATUS
T1IN
8
9
10
11
18
19
20
21
12
13
14
17
16
15
R5OUT
T1OUT
T2OUT
T3OUT
T3IN
T2IN
R4OUT
R5IN
R3OUT
R2OUT
R1OUT
R2OUT
SP3243EB
C1+
Figure 13. SP3243EB QFN (QFN) Pinout Configuration
®
®
SP3243EB
NC
R1IN
R2IN
R3IN
R4IN
R5IN
T1OUT
T2OUT
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
NC
GND
C1-
ONLINE
SHUTDOWN
STATUS
R2OUT
R1OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com